Electronic Components Datasheet Search
  English  ▼

X  

PM50CSD120 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM50CSD120
Description  Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/1200 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CSD120 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM50CSD120 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CSD120 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CSD120 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CSD120 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PM50CSD120
Intellimod™ Module
Three Phase IGBT Inverter Output
50 Amperes/1200 Volts
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
0
1.0
2.0
3.0
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
060
20
40
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
2.5
1.5
0.5
100
101
102
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
0.5
1.0
1.5
2.0
2.5
Tj = 25
oC
Tj = 125
oC
0
VD = 15V
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
tc(off)
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
10-2
COLLECTOR CURRENT, -IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25
oC
Tj = 125
oC
100
101
102
trr
Irr
0
0
40
60
80
100
CIRCUIT CURRENT VS.
CARRIER FREQUENCY
CARRIER FREQUENCY, fC, (kHz)
510
15
20
25
Tj = 25
oC
N-SIDE
P-SIDE
20
INDUCTIVE LOAD
100
101
102
10-1
SWITCHING LOSS CHARACTERISTICS
(TYPICAL)
100
101
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25
oC
Tj = 125
oC
Esw(off)
Esw(off)
Esw(on)
Esw(on)
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi - INVERTER PART)
101
10-1
100
101
100
10-1
10-2
10-3
STANDARD VALUE
Rth(j-c)Q = 0.38
oC/W (IGBT)
Rth(j-c)F = 0.70
oC/W (FWDi)
SINGLE PULSE
10-2
10-3
COLLECTOR CURRENT, IC, (AMPERES)
INDUCTIVE LOAD
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
018
13
14
15
16
17
IC = 50A
Tj = 25
oC
Tj = 125
oC
1.5
2.5
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com