Electronic Components Datasheet Search
  English  ▼

X  

PM50CSD120 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM50CSD120
Description  Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/1200 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CSD120 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM50CSD120 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CSD120 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CSD120 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CSD120 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase
IGBT Inverter Output
50 Amperes/1200 Volts
PM50CSD120
1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
–Over Current
–Over Temperature
– Under Voltage
□ Low Loss Using 4th Generation
IGBT Chip
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM50CSD120 is a 1200V,
50 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
50
120
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.33±0.04
110.0±1.0
B
3.74±0.02
95.0±0.5
C
3.50±0.04
89.0±1.0
E
2.91±0.02
74.0±0.5
F
2.62
66.44
G
1.28
32.6
H
1.24
31.6
J
1.02
26.0
K
0.94
24.0
L
0.87 +0.04/-0.02 22.0 +1.0/-0.5
M
0.79
20.0
N
0.76
19.4
P
0.18
4.5
Q
0.10
2.54
Dimensions
Inches
Millimeters
R
0.67
17.02
S
0.67
17.02
T
0.52
13.2
U
0.39
10.0
V
0.16
4.0
W
0.02
0.5
Y
0.24 Rad.
Rad. 6.0
Z
0.22 Dia.
Dia.5.5
AA
M5
M5
AB
0.13
3.22
AC
0.06
1.6
AD
0.08±0.02
2.0±0.5
AG
0.020.01
0.5±0.3
AH
0.47
12.0
S
A
AH
U
Z
(4 PLACES)
F
AB
P
Q
(2 PLACES)
AC
L
B
M
M
AD
AG
J
J
E
U
U
U
R
A
N
G
H
V
C
T
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
V
V
10.
11.
12.
13.
14.
15.
16.
U
U
VV
W
W
WPC
UPI
VPI
WPI
NC
NI
P
N
P
P
N
N
UPC
FO
VVPC
78
9
10
11
13 15
12 3 4
5 6
V
W
U
17.
18.
19.
NC
WFO
O
VF
O
UF
AA - THD
AD
12
14 16 18
17 19
(19 TYP.)
Y (4 PLACES)
W SQ. PIN
TEMP
P
U
V
W
N
NC
(6 PLACES)


Similar Part No. - PM50CSD120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSD120 MITSUBISHI-PM50CSD120 Datasheet
133Kb / 8P
FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50CSD120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CSA120 POWEREX-PM100CSA120 Datasheet
932Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CSD120 POWEREX-PM100CSD120 Datasheet
264Kb / 4P
Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CVA120 POWEREX-PM100CVA120 Datasheet
186Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM50RSA120 POWEREX-PM50RSA120 Datasheet
102Kb / 8P
Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RSD120 POWEREX-PM50RSD120 Datasheet
122Kb / 6P
Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM75CVA120 POWEREX-PM75CVA120 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com