Electronic Components Datasheet Search
  English  ▼

X  

TLP209D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP209D
Description  PHOTO RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP209D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP209D Datasheet HTML 1Page - Toshiba Semiconductor TLP209D Datasheet HTML 2Page - Toshiba Semiconductor TLP209D Datasheet HTML 3Page - Toshiba Semiconductor TLP209D Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP209D
2007-10-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP209D
MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
The TOSHIBA TLP209D consist of a gallium arsenide infrared emitting
diode optically coupled to a photo-MOS FET in a plastic SOP package.
Its characteristics include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measurement
instruments.
Features
• 8 pin SOP (2.54SOP8)
: 2.1 mm high, 2.54 mm pitch
• 2-Form-A
• Peak Off-State Voltage
: 200 V (min)
• Trigger LED Current
: 3 mA (max)
• On-State Current
: 50 mA (max)
• On-State Resistance
: 50 ohm (max)
• Output Capacitance
: 20 pF (max)
• Isolation Voltage
: 1500 Vrms (min)
Pin Configuration (top view)
Schematic
1
2
8
7
3
4
6
5
1, 3 : ANODE
2, 4 : CATHODE
5
: DRAIN D1
6
: DRAIN D2
7
: DRAIN D3
8
: DRAIN D4
1
2
8
7
3
4
6
5
Unit: mm
JEDEC
EIAJ
TOSHIBA
11
−10H1
Weight: 0.2 g


Similar Part No. - TLP209D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results

Similar Description - TLP209D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G Datasheet
174Kb / 3P
PHOTO RELAY
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA_07 Datasheet
189Kb / 6P
Photo Relay
TLP227G TOSHIBA-TLP227G_07 Datasheet
217Kb / 6P
Photo Relay
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
Photo Relay
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com