Electronic Components Datasheet Search
  English  ▼

X  

TLP209D Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP209D
Description  PHOTO RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP209D Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP209D Datasheet HTML 1Page - Toshiba Semiconductor TLP209D Datasheet HTML 2Page - Toshiba Semiconductor TLP209D Datasheet HTML 3Page - Toshiba Semiconductor TLP209D Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP209D
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Min
Typ.
Max
UNIT
Trigger LED Current
IFT
ION = 50 mA
⎯
1
3
mA
Return LED Current
IFC
IOFF = 100 μA
0.1
⎯
⎯
mA
On-State Resistance
RON
ION = 50 mA, IF = 5 mA
⎯
40
50
Ω
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Min
Typ.
Max
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
⎯
0.8
⎯
pF
Isolation Resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
1014
⎯
Ω
AC, 1 minute
1500
⎯
⎯
AC, 1 second (in oil)
⎯
3000
⎯
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
⎯
3000
⎯
Vdc
Switching Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Min
Typ.
Max
UNIT
Turn-on Time
tON
⎯
0.03
0.5
Turn-off Time
tOFF
RL = 200 Ω
(NOTE 2)
VDD = 10 V, IF = 5 mA
⎯
0.07
0.2
ms
(NOTE 2) : SWITCHING TIME TEST CIRCUIT
VOUT
IF
tON
tOFF
90%
10%
RL
VDD
VOUT
1, 3
IF
2, 4
5, 7
6, 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com