Electronic Components Datasheet Search
  English  ▼

X  

2SA1145 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1145
Description  Audio Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1145 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1145 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1145
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −150 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −1 mA, IB = 0
−150
⎯
⎯
V
DC current gain
hFE (Note) VCE = −5 V, IC = −10 mA
80
⎯
240
Collector-emitter saturation voltage
VCE (sat)
IC = −10 mA, IB = −1 mA
⎯
⎯
−1.0
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −10 mA
⎯
⎯
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −10 mA
⎯
200
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
2.5
⎯
pF
Note: hFE classification O: 80 to 160, Y: 120 to 240
Marking
A1145
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com