Electronic Components Datasheet Search
  English  ▼

X  

2SA1145 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1145
Description  Audio Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1145 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1145 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1145 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1145
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
IC – VCE
Base-emitter voltage VBE (V)
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
fT – IC
Collector current IC (mA)
VCE (sat) – IC
Collector-base voltage VCB (V)
Cob – VCB
Common emitter
VCE = −5 V
−50
0
0
−10
−20
−30
−40
−0.2
−0.4
−0.6
−0.8
−1.0
−1.4
Ta
= 100°C
25
−1.2
−25
1
−0.5
IE
= 0
f
= 1 MHz
Ta
= 25°C
300
−1
−3
−10
−100
3
5
10
0.3
0
−30
−0.5
Common emitter
Ta
= 25°C
−5
VCE = −10V
1000
−1
−3
−10
−30
−100
100
300
3
1
Common emitter
VCE = −5V
10
−0.3
1000
30
100
300
−1
−3
−10
−50
−25
25
Ta
= 100°C
−30
Common emitter
Ta
= 25°C
0
0
−50
−10
IB = −0.1 mA
−20
−30
−40
−2
−4
−6
−8
−10
−12
−0.2
−14
0
−0.3
−0.5
−0.4
Common emitter
IC/IB = 10
−1
−0.03
−0.3
−0.5
−0.05
−0.1
−0.3
−1
−3
−10
−30
−100
Ta
= 100°C
25
−3
−25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com