Electronic Components Datasheet Search
  English  ▼

X  

74HC11D Datasheet(PDF) 8 Page - SYC Electronica

Part # 74HC11D
Description  Triple 3-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74HC11D Datasheet(HTML) 8 Page - SYC Electronica

Back Button 74HC11D Datasheet HTML 4Page - SYC Electronica 74HC11D Datasheet HTML 5Page - SYC Electronica 74HC11D Datasheet HTML 6Page - SYC Electronica 74HC11D Datasheet HTML 7Page - SYC Electronica 74HC11D Datasheet HTML 8Page - SYC Electronica 74HC11D Datasheet HTML 9Page - SYC Electronica 74HC11D Datasheet HTML 10Page - SYC Electronica 74HC11D Datasheet HTML 11Page - SYC Electronica 74HC11D Datasheet HTML 12Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74HC_HCT11_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 9 February 2010
8 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
12. Package outline
Fig 8.
Package outline SOT27-1 (DIP14)
UNIT
A
max.
1
2
(1)
(1)
b1
cD
(1)
Z
Ee
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT27-1
99-12-27
03-02-13
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.13
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2.2
4.2
0.51
3.2
0.068
0.044
0.021
0.015
0.77
0.73
0.014
0.009
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.087
0.17
0.02
0.13
050G04
MO-001
SC-501-14
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
14
1
8
7
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com