Electronic Components Datasheet Search
  English  ▼

X  

74HC11D Datasheet(PDF) 11 Page - SYC Electronica

Part # 74HC11D
Description  Triple 3-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74HC11D Datasheet(HTML) 11 Page - SYC Electronica

Back Button 74HC11D Datasheet HTML 7Page - SYC Electronica 74HC11D Datasheet HTML 8Page - SYC Electronica 74HC11D Datasheet HTML 9Page - SYC Electronica 74HC11D Datasheet HTML 10Page - SYC Electronica 74HC11D Datasheet HTML 11Page - SYC Electronica 74HC11D Datasheet HTML 12Page - SYC Electronica 74HC11D Datasheet HTML 13Page - SYC Electronica 74HC11D Datasheet HTML 14Page - SYC Electronica 74HC11D Datasheet HTML 15Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74HC_HCT11_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 9 February 2010
11 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
Fig 11. Package outline SOT402-1 (TSSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
17
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com