Electronic Components Datasheet Search
  English  ▼

X  

TLP719 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP719
Description  Microprocessor system interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP719 Datasheet HTML 1Page - Toshiba Semiconductor TLP719 Datasheet HTML 2Page - Toshiba Semiconductor TLP719 Datasheet HTML 3Page - Toshiba Semiconductor TLP719 Datasheet HTML 4Page - Toshiba Semiconductor TLP719 Datasheet HTML 5Page - Toshiba Semiconductor TLP719 Datasheet HTML 6Page - Toshiba Semiconductor TLP719 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP719
2007-10-01
4
Switching Characteristics (Ta = 25 °C, VCC = 5 V)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→ L)
tpHL
IF = 0→ 16 mA
RL = 1.9kΩ
―
―
0.8
μs
Propagation delay time
(L→ H)
tpLH
Fig1
IF = 16→ 0 mA
RL = 1.9kΩ
―
―
0.8
μs
Common mode transient
immunity at logic HIGH output
(Note 8)
CMH
IF = 0 mA
VCM = 400 Vp−p
RL = 1.9kΩ
10000
―
―
V / μs
Common mode transient
immunity at logic LOW output
(Note 8)
CML
Fig2
IF = 16 mA
VCM = 400 Vp−p
RL = 1.9 kΩ
−10000
―
―
V / μs
Note 8 : CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic
LOW state (VO < 0.8 V).
CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic
HIGH state (VO >2 V).
Figure 1. Switching Time Test Circuit
Figure 2. Common Mode Noise Immunity Test Circuit.
MONITORING NODE
VCC = 5 V
VO
RL
1
2
3
5
4
6
IF MONITORING NODE
PULSE INPUT
( PW = 100 μs
Duty = 10%)
0.1
μF
IF
→
10%
tr
90%
tf
CMH
2 V
0.8 V
VOL
SW:A (
IF = 16 mA)
400 V
VCM
0 V
VOH
SW:B (
IF= 0 mA)
CML
CMH = t
r (μs)
320 (V)
CML = − t
f (μs)
320 (V)
tpLH
tpHL
5V
1.5V
VO
IF
VOL
RL=1.9kΩ
VO
VCC=5V
VCM
0.1μF
1
2
3
5
4
6
+
−
SW
B
A
→
IF
SHIELD
SHIELD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com