Electronic Components Datasheet Search
  English  ▼

X  

TLP719 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP719
Description  Microprocessor system interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP719 Datasheet HTML 1Page - Toshiba Semiconductor TLP719 Datasheet HTML 2Page - Toshiba Semiconductor TLP719 Datasheet HTML 3Page - Toshiba Semiconductor TLP719 Datasheet HTML 4Page - Toshiba Semiconductor TLP719 Datasheet HTML 5Page - Toshiba Semiconductor TLP719 Datasheet HTML 6Page - Toshiba Semiconductor TLP719 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP719
2007-10-01
3
Electrical Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16 mA
1.65
1.85
V
Forward voltage
Temperature coefficient
ΔVF / ΔTa
IF = 16 mA
―
−2
―
mV / °C
Reverse current
IR
VR = 5 V
―
―
10
μA
Capacitance between terminals
CT
VF = 0 V , f = 1 MHz
―
45
―
pF
IOH (1)
IF = 0 mA ,VCC = VO = 5.5 V
―
3
500
nA
IOH (2)
IF = 0 mA ,VCC = 30 V
VO = 20 V
―
―
5
HIGH-level output current
IOH
IF = 0 mA ,VCC = 30 V
VO = 20 V,Ta = 70 °C
―
―
50
μA
HIGH-level supply current
ICCH
IF = 0 mA ,VCC = 30 V
―
0.01
1
μA
Supply voltage
VCC
ICC = 0.01 mA
30
―
―
V
Output voltage
VO
IO = 0.5 mA
20
―
―
V
Coupled Electrical Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Current transfer ratio
IO / IF
IF = 16 mA ,VCC = 4.5 V
VO = 0.4 V
20
―
―
%
LOW-level output voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 2.4 mA
―
―
0.4
V
Isolation Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0 V , f = 1 MHz
(Note 6)
―
0.8
―
pF
Isolation resistance
RS
R.H. ≤ 60% ,VS = 500 V
(Note 6)
1×10
12
10
14
―
Ω
AC, 1 minute
5000
―
―
AC, 1 second , in oil
―
10000
―
Vrms
Isolation voltage
BVS
DC, 1 minute , in oil
―
10000
―
Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com