Electronic Components Datasheet Search
  English  ▼

X  

SSM3K16FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K16FS
Description  Silicon N Channel MOS Type High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K16FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K16FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K16FS
2007-11-01
4
⎪Yfs⎪ – ID
IDR – VDS
C – VDS
t – ID
PD – Ta
Drain current
ID (mA)
Drain-Source voltage VDS (V)
Drain-Source voltage VDS (V)
Drain current ID (mA)
Ambient temperature Ta (°C)
1
10
100
1000
1
3
5
10
30
50
100
300
500
Common source
VDS = 3 V
Ta
= 25°C
0.1
1
10
100
10
30
50
100
300
500
1000
3000
5000
Common source
VDD = 3 V
VGS = 0~2.5 V
Ta
= 25°C
tr
ton
tf
toff
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0.3
10
100
1
5
50
0.1
1
10
100
5
50
0.5
0
0
100
250
160
40
50
150
200
20
60
80
100
140
120
0
100
250
50
150
200
0
−1.4
−0.4
−0.2
−0.6
−0.8
−1
−1.2
Common source
VGS = 0 V
Ta
= 25°C
G
D
S
IDR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com