Electronic Components Datasheet Search
  English  ▼

X  

SSM3K16FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K16FS
Description  Silicon N Channel MOS Type High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K16FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K16FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K16FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K16FS
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K16FS
High Speed Switching Applications
Analog Switch Applications
• Suitable for high-density mounting due to compact package
• Low on resistance: Ron = 3.0 Ω (max) (@VGS = 4 V)
: Ron = 4.0 Ω (max) (@VGS = 2.5 V)
: Ron = 15 Ω (max) (@VGS = 1.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
20
V
Gate-Source voltage
VGSS
±10
V
DC
ID
100
Drain current
Pulse
IDP
200
mA
Drain power dissipation (Ta
= 25°C)
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Internal connections
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment
is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other
objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2H1B
Weight: 2.4 mg (typ.)
D S
1
2
3
12
3


Similar Part No. - SSM3K16FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
18-Dec-2001
logo
VBsemi Electronics Co.,...
SSM3K16FU VBSEMI-SSM3K16FU Datasheet
1,014Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K16FU TOSHIBA-SSM3K16FU_07 Datasheet
145Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
94Kb / 5P
High Speed Switching Applications Analog Switch Applications
More results

Similar Description - SSM3K16FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK982 TOSHIBA-2SK982_07 Datasheet
519Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
2SK1062 TOSHIBA-2SK1062_07 Datasheet
586Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
HN1K03FU TOSHIBA-HN1K03FU_07 Datasheet
292Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
HN1K04FU TOSHIBA-HN1K04FU_07 Datasheet
156Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
HN1K06FU TOSHIBA-HN1K06FU_07 Datasheet
157Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16TE TOSHIBA-SSM3K16TE_07 Datasheet
147Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K105TU TOSHIBA-SSM3K105TU Datasheet
471Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com