Electronic Components Datasheet Search
  English  ▼

X  

PP200B060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PP200B060
Description  POW-R-PAK 200A / 600V H-Bridge IGBT Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP200B060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PP200B060 Datasheet HTML 1Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 2Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 3Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 4Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 5Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TENTATIVE
PP200B060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
200A / 600V
H-Bridge IGBT Assembly
PP200B060(-)
- 4 -
Gate Drive Board Interface Signal Definitions
Pin
Signal Name
Description
1
Shield
Connected to circuit ground
2
PWM A-
0-15 V signal controlling the duty cycle of A- IGBT
3
Phase A Error
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = Phase A overcurrent or short circuit
4
PWM A+
0-15 V signal controlling the duty cycle of A+ IGBT
5
PWM B-
0-15 V signal controlling the duty cycle of B- IGBT
6
Phase B Error
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = Phase B overcurrent or short circuit
7
PWM B+
0-15 V signal controlling the duty cycle of B+ IGBT
8
Not Used
9
Not Used
10
Not Used
11
Overtemp
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = heatsink overtemp
12
Not Connected
13
DC Link Voltage
Analog voltage representation of DC link voltage
14
24 VDC input power
2
20 – 30 VDC input voltage range
15
24 VDC input power
2
20 – 30 VDC input voltage range
16
15 VDC input power
2
14.4 – 18 VDC input voltage range
17
15 VDC input power
2
14.4 – 18 VDC input voltage range
18
GND
Ground reference for 15 and 24 VDC inputs
19
GND
Ground reference for 15 and 24 VDC inputs
20
Heatsink Temperature
Analog voltage representation of heatsink temperature
21
GND
3
Tied to pins 18 and 19
22
Iout Phase A
Analog voltage representation of phase A output current
23
GND
3
Tied to pins 18 and 19
24
Iout Phase B
Analog voltage representation of phase B output current
25
Not Used
26
Not Used
Notes:
1.
Open collectors can be pulled up to 30 V max and sink 50mA continuous.
2.
Do not connect a 15 VDC and 24 VDC source to the unit at the same time, use one or the other.
3.
GND signals to be used for analog feedback signals, i.e. twisted pair with Iout Phase A.
Gate Drive Board Interface Connector
Description
Symbol
Type
Manufacturer
Gate Drive Board Interface Header
J1
0.100” x 0.100” latching header, 26 pin
3M# 3429-6002 or equivalent
Recommended Mating Socket
-
0.100” x 0.100” IDC socket, 26 pin
3M# 3399-7600 or equivalent
Recommended Strain Relief
-
Plastic strain relief
3M# 3448-3026 or equivalent



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com