Electronic Components Datasheet Search
  English  ▼

X  

PP200B060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PP200B060
Description  POW-R-PAK 200A / 600V H-Bridge IGBT Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP200B060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PP200B060 Datasheet HTML 1Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 2Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 3Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 4Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 5Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TENTATIVE
PP200B060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
200A / 600V
H-Bridge IGBT Assembly
PP200B060(-)
- 3 -
Gate Drive Board Electrical Characteristics
Characteristics
Min
Typ
Max
Units
Unregulated +24V Power Supply
20
24
30
Volts
Regulated +15V Power Supply
14.4
15
18
Volts
PWM Input On Threshold
12
15
Volts
PWM Input Off Threshold
0
2
Volts
Output Overcurrent Trip
300
Amperes
Overtemperature Trip
96
98
100
°C
Overvoltage Trip
460
Volts
DC Link Voltage Feedback
See Figure Below
Volts
Heatsink Temperature Feedback
See Figure Below
Volts
Output Current Feedback
See Figure Below
Volts
Thermal and Mechanical Characteristics
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Units
IGBT Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT ½ module
-
0.13
0.21
°C/W
FWD Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWD ½ module
0.35
°C/W
Contact Thermal Resistance
Rth(c-f)
-
0.045
-
°C/W
Heatsink Thermal Resistance
Rth(f-a)
1500 LFM airflow
0.040
°C/W
Mounting Torque, AC terminals
75
90
in-lb
Mounting Torque, DC terminals
130
150
in-lb
Mounting Torque, Mounting plate
130
150
in-lb
Weight
21
lb
Heatsink Temperature Feedback
0
20
40
60
80
100
120
0
1234567
89
10
Feedback Voltage (Volts)
DC Link Feedback
0
100
200
300
400
500
0
1234567
89
10
Feedback Voltage (Volts)
Output Current Feedback
0
100
200
300
400
500
0
1
234567
89
10
Feedback Voltage (Volts)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com