Electronic Components Datasheet Search
  English  ▼

X  

2SB906 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SB906
Description  Audio Frequency Power Amplifier Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB906 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SB906 Datasheet HTML 1Page - Toshiba Semiconductor 2SB906 Datasheet HTML 2Page - Toshiba Semiconductor 2SB906 Datasheet HTML 3Page - Toshiba Semiconductor 2SB906 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB906
2006-11-21
1
TOSHIBA Transistor Silicon PNP Diffused Type (PCT process)
2SB906
Audio Frequency Power Amplifier Application
• Low collector saturation voltage
: VCE (sat) = −1.0 V (typ.) (IC = −3 A, IB = −0.3 A)
• High power dissipation: PC = 20 W (Tc = 25°C)
• Complementary to 2SD1221
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−60
V
Collector-emitter voltage
VCEO
−60
V
Emitter-base voltage
VEBO
−7
V
Collector current
IC
−3
A
Base current
IB
−0.5
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SB906

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB906 TOSHIBA-2SB906 Datasheet
150Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
16-Jun-1999
logo
Guangdong Kexin Industr...
2SB906 KEXIN-2SB906 Datasheet
39Kb / 1P
Silicon PNP Epitaxial
logo
Toshiba Semiconductor
2SB906 TOSHIBA-2SB906 Datasheet
164Kb / 4P
Audio Frequency Power Amplifier Application
2SB906 TOSHIBA-2SB906 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SB906 ISC-2SB906 Datasheet
298Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SB906

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ313 TOSHIBA-2SJ313_07 Datasheet
372Kb / 5P
Audio Frequency Power Amplifier Application
2SJ440 TOSHIBA-2SJ440_07 Datasheet
131Kb / 3P
Audio Frequency Power Amplifier Application
2SB906 TOSHIBA-2SB906_10 Datasheet
164Kb / 4P
Audio Frequency Power Amplifier Application
2SD1221 TOSHIBA-2SD1221_10 Datasheet
156Kb / 4P
Audio Frequency Power Amplifier Application
2SJ313 TOSHIBA-2SJ313_09 Datasheet
248Kb / 5P
Audio Frequency Power Amplifier Application
2SK2013 TOSHIBA-2SK2013_09 Datasheet
271Kb / 4P
Audio Frequency Power Amplifier Application
logo
KODENSHI_AUK CORP.
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
2SC5344S KODENSHI-2SC5344S Datasheet
285Kb / 4P
Audio power amplifier application
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
logo
Toshiba Semiconductor
2SJ440 TOSHIBA-2SJ440 Datasheet
113Kb / 2P
audio frequency power amplifier application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com