Electronic Components Datasheet Search
  English  ▼

X  

2SB906 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SB906
Description  Audio Frequency Power Amplifier Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB906 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SB906 Datasheet HTML 1Page - Toshiba Semiconductor 2SB906 Datasheet HTML 2Page - Toshiba Semiconductor 2SB906 Datasheet HTML 3Page - Toshiba Semiconductor 2SB906 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB906
2006-11-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc = 25°C
0
0
−4
−1
−2
−1
−2
−3
−4
−3
−5
IB = −10 mA
0
−20
−30
−40
−50
−60
−70
−80
Collector current IC (A)
hFE – IC
30
100
300
500
1000
−0.03
−0.1
−0.3
−1
Tc = 100°C
−25
50
−3
Common emitter
VCE = −5 V
25
Collector current IC (A)
VCE (sat) – IC
−0.1
−0.3
−1
−3
−0.03
−0.05
−0.3
−0.5
−0.1
−1
25
Tc = 100°C
−0.02
−25
Common emitter
IC/IB = 10
Base-emitter voltage VBE (V)
IC – VBE
0
0
−3.0
−2.0
−1.5
−0.2
−0.6
−0.8
−1.2
−2.5
25
Tc = 100°C
−25
−1.0
−0.4
−0.5
−1.0
Common emitter
VCE = −5 V
Ambient temperature Ta (°C)
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
24
0
0
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
25
50
75
100
125
150
175
4
8
12
16
20
(1)
(2)
(3)
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
−10
IC max (continuous)
IC max (pulsed)*
VCEO max
DC operation
Tc = 25°C
−100
−10
−1
−3
−0.1
−0.3
−0.5
−1
−3
−5
−30
1 ms*
10 ms*
100 ms*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com