Electronic Components Datasheet Search
  English  ▼

X  

TLP512 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP512
Description  Digital Logic Ground Isolation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP512 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP512 Datasheet HTML 1Page - Toshiba Semiconductor TLP512 Datasheet HTML 2Page - Toshiba Semiconductor TLP512 Datasheet HTML 3Page - Toshiba Semiconductor TLP512 Datasheet HTML 4Page - Toshiba Semiconductor TLP512 Datasheet HTML 5Page - Toshiba Semiconductor TLP512 Datasheet HTML 6Page - Toshiba Semiconductor TLP512 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP512
2007-10-01
4
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Propagation delay time (H
→ L)
tpHL
IF = 0 → 16 mA, RL = 1.9 kΩ
⎯
⎯
0.8
μs
Propagation delay time (L
→ H)
tpLH
1
IF = 16 → 0 mA, RL = 1.9 kΩ
⎯
⎯
0.8
μs
Common mode transient immunity at
logic high output
(Note 8)
CMH
IF = 0 mA, VCM = 200 VP−P
RL = 1.9 kΩ
⎯
1500
⎯
V/
μs
Common mode transient immunity at
logic low output
(Note 8)
CML
2
IF = 16 mA, VCM = 200 VP−P
RL = 1.9 kΩ
⎯
−1500
⎯
V/
μs
Note 8: Common mode transient immunity in logic high level is the maximum tolerable (positive) dVCM/dt on the
leading edge of the common mode pulse, VCM, to assure that the output will remain in a logic high state
(VOUT > 2.0 V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVCM/dt on the
trailing edge of the common mode pulse, VCM, to assure that the output will remain in a logic low state
(VOUT < 0.8 V).
Note 9: Electrostatic discharge immunity (pin to pin): 100 V (max)
(C
≤ 200 pF, R = 0)
Test Circuit 1: Switching Time Test Circuit
Test Circuit 2: Common Mode Noise Immunity Test Circuit
s)
(
f
t
(V)
160
L
CM
,
s)
(
r
t
(V)
160
H
CM
μ
=
μ
=
1
3
6
4
2
5
VCC = 5 V
VO
Output monitor
IF
RL
VCM
Pulse generator
ZO = 50 Ω
VCM
200 V
VO
(IF = 0 mA)
VO
(IF = 16 mA)
0 V
5 V
2 V
0.8 V
VOL
10%
90%
tf
tr
tpHL
1.5 V
5 V
1.5 V
VOL
tpLH
VO
0
IF
1
3
6
4
2
5
VCC = 5 V
VO
Output monitor
Pulse input
PW
= 100 μs
Duty ratio
= 1/10
IF monitor
IF
RL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com