Electronic Components Datasheet Search
  English  ▼

X  

TLP512 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP512
Description  Digital Logic Ground Isolation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP512 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP512 Datasheet HTML 1Page - Toshiba Semiconductor TLP512 Datasheet HTML 2Page - Toshiba Semiconductor TLP512 Datasheet HTML 3Page - Toshiba Semiconductor TLP512 Datasheet HTML 4Page - Toshiba Semiconductor TLP512 Datasheet HTML 5Page - Toshiba Semiconductor TLP512 Datasheet HTML 6Page - Toshiba Semiconductor TLP512 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP512
2007-10-01
5
*: The above graphs show typical characteristics.
Forward voltage VF (V)
IF – VF
Forward current IF (mA)
ΔVF/ΔTa – IF
Ambient temperature Ta (℃)
IOH (1) – Ta
Forward current IF (mA)
IO – IF
Forward current IF (mA)
IO/IF – IF
Ambient temperature Ta (℃)
IO/IF – Ta
0.01
1.0
1.2
1.4
1.6
1.8
2.0
0.03
0.1
0.3
1
3
10
30
100
Ta
= 25°C
−1.4
0.1
0.3
1
3
10
30
−1.6
−1.8
−2.0
−2.2
−2.4
−2.6
0.6
0
40
80
120
160
1
3
10
30
100
300
100
VCC = 5 V
VO = 0.4 V
Ta
= 25°C
0.01
0.1
0.3
1
10
30
0.03
0.1
0.3
1
3
10
3
Normalized to: IF = 16 mA
VCC = 4.5 V
VO = 0.4 V
Ta
= 25°C
100
0
−40
−20
0
40
60
20
80
0.2
0.4
0.6
0.8
1.0
1.2
1
0.1
0.3
1
10
30
3
3
10
30
100
VCC = 5 V
VO = 0.4 V
100ºC
Ta
= −25ºC
25ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com