Electronic Components Datasheet Search
  English  ▼

X  

DAC5681Z Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5681Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5681Z Datasheet(HTML) 1 Page - Texas Instruments

  DAC5681Z Datasheet HTML 1Page - Texas Instruments DAC5681Z Datasheet HTML 2Page - Texas Instruments DAC5681Z Datasheet HTML 3Page - Texas Instruments DAC5681Z Datasheet HTML 4Page - Texas Instruments DAC5681Z Datasheet HTML 5Page - Texas Instruments DAC5681Z Datasheet HTML 6Page - Texas Instruments DAC5681Z Datasheet HTML 7Page - Texas Instruments DAC5681Z Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
DAC5681Z
SLLS865 – AUGUST 2007
www.ti.com
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING
DIGITAL-TO-ANALOG CONVERTER (DAC)
• 16-Bit Digital-to-Analog Converter (DAC)
The DAC5681Z is a 16-bit 1.0 GSPS digital-to-analog
converter (DAC) with wideband LVDS data input,
• 1.0 GSPS Update Rate
integrated 2x/4x interpolation filters, on-board clock
• 16-Bit, 1.0 GSPS Input LVDS Data Bus
multiplier,
and
internal
voltage
reference.
The
–
8 Sample Input FIFO
DAC5681Z
offers
superior
linearity
and
noise
–
On-Chip Delay Lock Loop
performance.
• High Performance
The DAC5681Z integrates a wideband LVDS port
with on-chip termination, providing full 1.0 GSPS data
–
73 dBc ACLR WCDMA TM1 at 180 MHz
transfer into the DAC, or half-rate data and 1/4-rate
• 2x-32x Clock Multiplying PLL/VCO
input data can be interpolated by on-board 2x or 4x
• 2x or 4x Interpolation Filters
FIR filters. Each interpolation FIR is configurable in
–
Stopband Transition 0.4–0.6 Fdata
either
Low-Pass
or
High-Pass
mode,
allowing
selection of a higher order output sectral image. An
–
Filters configurable in either Low-Pass or
on-chip delay lock loop (DLL) simplifies LVDS
High-Pass mode–allows selection or higher
interfacing by providing skew control for the LVDS
order image
input data clock.
• On-Chip 1.2-V Reference
The current-steering architecture of the DAC5681Z
• Differential Scalable Output: 2 to 20 mA
consists of a segmented array of current sinking
• Package: 64-Pin 9 × 9 mm QFN
switches directing up to 20mA of full-scale current to
complementary output nodes. An accurate on-chip
voltage reference is temperature-compensated and
delivers a stable 1.2-V reference voltage. Optionally,
• Cellular Base Stations
an external reference may be used.
• Broadband Wireless Access (BWA)
The DAC5681Z is characterized for operation over
• WiMAX 802.16
the industrial temperature range of –40°C to 85°C
• Fixed Wireless Backhaul
and is available in a 64-pin QFN package. The device
• Cable Modem Termination System (CMTS)
is pin upgradeable to the dual-channel DAC5682Z as
well
as
the
single-channel,
non-interpolating
DAC5681.
ORDERING INFORMATION
TA
ORDER CODE
PACKAGE DRAWING/TYPE(1) (2)(3)
TRANSPORT MEDIA
QUANTITY
DAC5681ZIRGCT
Small Tape and Reel
250
–40
°C to 85°C
RGC / 64QFN Quad Flatpack No-Lead
DAC5681ZIRGCR
Large Tape and Reel
2000
(1)
Thermal Pad Size: 7,4 mm
× 7,4 mm
(2)
MSL Peak Temperature: Level-3-260C-168 HR
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - DAC5681Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681Z TI1-DAC5681Z Datasheet
5Mb / 61P
Interpolating Digital-To-Analog Converter
DAC5681ZIRGCR TI1-DAC5681ZIRGCR Datasheet
5Mb / 61P
Interpolating Digital-To-Analog Converter
DAC5681ZIRGCT TI1-DAC5681ZIRGCT Datasheet
5Mb / 61P
Interpolating Digital-To-Analog Converter
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5681Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com