Electronic Components Datasheet Search
  English  ▼

X  

DAC5681Z Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5681Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5681Z Datasheet(HTML) 3 Page - Texas Instruments

  DAC5681Z Datasheet HTML 1Page - Texas Instruments DAC5681Z Datasheet HTML 2Page - Texas Instruments DAC5681Z Datasheet HTML 3Page - Texas Instruments DAC5681Z Datasheet HTML 4Page - Texas Instruments DAC5681Z Datasheet HTML 5Page - Texas Instruments DAC5681Z Datasheet HTML 6Page - Texas Instruments DAC5681Z Datasheet HTML 7Page - Texas Instruments DAC5681Z Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DAC5681Z
RGCPackage, QFN649x9
(TopView)
Modified 11-Apr-07
PinsdifferentfromDAC5682Z
highlightedin Bluetext.
48
GND
CLKINC
D4P
D4N
D3P
D3N
D2P
D2N
DVDD
D1P
D1N
D0P
D0N
VFUSE
SDO
SDIO
SCLK
SDENB
D12N
D12P
D13N
D13P
D14N
D14P
DVDD
D15N
D15P
IOVDD
SYNCN
SYNCP
CLKIN
CLKVDD
DAC5681Z
SLLS865 – AUGUST 2007
DAC5681Z
RGC PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AVDD
51, 54, 55,
I
Analog supply voltage. (3.3V)
59, 62
BIASJ
57
O
Full-scale output current bias
CLKIN
2
I
Positive external clock input. With the clock multiplier PLL enabled, CLKIN provides lower frequency
reference clock. If the PLL is disabled, CLKIN directly provides clock for DAC up to 1GHz.
CLKINC
3
I
Complementary external clock input.
CLKVDD
1
I
Internal clock buffer supply voltage. (1.8 V)
D[15..0]P
7, 11, 13, 15,
I
LVDS positive input data bits 0 through 15. Each positive/negative LVDS pair has an internal 100
Ω
17, 19, 21,
termination resistor. Order of bus can be reversed via rev_bus bit in CONFIG5 register. Data format
23, 27, 29,
relative to DCLKP/N clock is Double Data Rate (DDR) with two data samples input be DLCKP/N clock
31, 33, 35,
cycle. In dual-channel mode, data for the A-channel is input while DCLKP is high.
37, 40, 42
D15P is most significant data bit (MSB) – pin 7
D0P is least significant data bit (LSB) – pin 42
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5681Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com