Electronic Components Datasheet Search
  English  ▼

X  

0815907 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0815907
Description  UC-TMF 5 VT - Marker for terminal blocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0815907 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0815907 Datasheet HTML 1Page - PHOENIX CONTACT 0815907 Datasheet HTML 2Page - PHOENIX CONTACT 0815907 Datasheet HTML 3Page - PHOENIX CONTACT 0815907 Datasheet HTML 4Page - PHOENIX CONTACT 0815907 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, Sheet, violet, unlabeled, can be labeled with:
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: snap in, for terminal block width: 5.2 mm, Number of individual labels: 96
Your advantages
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
The UC-TMF ... UniCard labeling range includes markers for products with tall and flat marker grooves
•
Commercial data
Item number
0815907
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BG06
Product key
BG2117
Catalog page
Page 120 (C-3-2017)
GTIN
4046356328852
Weight per piece (including packing)
8.515 g
Weight per piece (excluding packing)
3.5 g
Customs tariff number
39269097
Country of origin
PL
UC-TMF 5 VT - Marker for terminal blocks
0815907
https://www.phoenixcontact.com/us/products/0815907
Apr 24, 2025, 7:04AM
Page 1 (5)


Similar Part No. - 0815907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0815910 PHOENIX-0815910 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 6 VT
0815923 PHOENIX-0815923 Datasheet
187Kb / 5P
UC-TMF 4 VT - Marker for terminal blocks
0815936 PHOENIX-0815936 Datasheet
185Kb / 5P
UC-TM 10 VT - Marker for terminal blocks
0815981 PHOENIX-0815981 Datasheet
187Kb / 5P
UC-TMF 10 VT - Marker for terminal blocks
More results

Similar Description - 0815907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0815910 PHOENIX-0815910 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 6 VT
0818124 PHOENIX-0818124 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 10
0818140 PHOENIX-0818140 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 6
0818153 PHOENIX-0818153 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 5
0819107 PHOENIX-0819107 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 VT
0819233 PHOENIX-0819233 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 12
0819262 PHOENIX-0819262 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 16
0824586 PHOENIX-0824586 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 VT CUS
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com