Electronic Components Datasheet Search
  English  ▼

X  

0815907 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0815907
Description  UC-TMF 5 VT - Marker for terminal blocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0815907 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0815907 Datasheet HTML 1Page - PHOENIX CONTACT 0815907 Datasheet HTML 2Page - PHOENIX CONTACT 0815907 Datasheet HTML 3Page - PHOENIX CONTACT 0815907 Datasheet HTML 4Page - PHOENIX CONTACT 0815907 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Terminal marking
Pitch
5.2 mm
Type
flat
Marking
Number of individual labels
96
Number of individual labels per row
12
Identification technology
UV LED technology
Dimensions
Width
5 mm
Pitch
5.2 mm
Material specifications
RoHS compliant
yes
Color
violet (RAL 4005)
Material
PA
Flammability rating according to UL 94
V2
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
120 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 2
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Isopropyl
[CAS No. 67-63-0]
Test passed
n-Hexane
[CAS No. 110-54-3]
Test passed
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
UC-TMF 5 VT - Marker for terminal blocks
0815907
https://www.phoenixcontact.com/us/products/0815907
Apr 24, 2025, 7:04AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com