Electronic Components Datasheet Search
  English  ▼

X  

AK45C Datasheet(PDF) 13 Page - Astec America, Inc

Part # AK45C
Description  36 Vdc to 75 Vdc Inputs, 100 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK45C Datasheet(HTML) 13 Page - Astec America, Inc

Back Button AK45C Datasheet HTML 9Page - Astec America, Inc AK45C Datasheet HTML 10Page - Astec America, Inc AK45C Datasheet HTML 11Page - Astec America, Inc AK45C Datasheet HTML 12Page - Astec America, Inc AK45C Datasheet HTML 13Page - Astec America, Inc AK45C Datasheet HTML 14Page - Astec America, Inc AK45C Datasheet HTML 15Page - Astec America, Inc AK45C Datasheet HTML 16Page - Astec America, Inc AK45C Datasheet HTML 17Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Technical Reference Notes (TRN)
AK45C 100W Series
36 Vdc to 75 Vdc Inputs, 100 W
_____________________________________________________________
ASTEC POWER - Andover
13 of 17
Thermal Considerations
The power converter operates in a variety of thermal environments: however, sufficient cooling
should be provided to help ensure reliable operation of the converter. Heat-dissipating
components are thermally coupled to the case. Heat is removed by conduction, convection, and
radiation to the surrounding environment. Proper cooling can be verified by measuring the case
temperature.
Heat Transfer Characteristics
Increasing airflow over the converter enhances the heat transfer via convection. Figure 14 shows
the maximum power that can be dissipated by the converter without exceeding the maximum
case temperature versus local ambient temperature (TA) for natural convection through 2.0 m/s
(400 ft/min).
Systems in which these converters are used generate airflow rates of 0.25 m/s (50 ft/min) due to
other heat dissipating components in the system. Therefore, the natural convection condition
represents airflow rates of approximately 0.25 m/s (50 ft/min). Use of Figure 14 is shown in the
following example.
Example
What is the minimum airflow required for an 033F20 operating at 48 V, an output current of 15 A,
and maximum ambient temperature of 50 ºC.
Solution:
Given: Vi = 48 V, Io = 15 A, TA = 50 ºC.
Determine PD (Figure 17): PD = ~8 W.
Determine minimum airflow (Figure 14): v = 1.0 m/s (200 ft/min)
Figure 14. Forced Convection Power Derating
* longitudinal airflow, transverse airflow is more efficient and extends
calculated maximum ambient by 5 °C
AK45C SERIES
Power Derating Curve*
0
2
4
6
8
10
12
14
16
18
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Ambient Temperature (ºC)
2.0 m/s (400 ft/min)
1.5 m/s (300 ft/min)
1.0 m/s (200 ft/min)
0.5 m/s (100 ft/min)
Nat. Conv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com