Electronic Components Datasheet Search
  English  ▼

X  

AK45C Datasheet(PDF) 2 Page - Astec America, Inc

Part # AK45C
Description  36 Vdc to 75 Vdc Inputs, 100 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK45C Datasheet(HTML) 2 Page - Astec America, Inc

  AK45C Datasheet HTML 1Page - Astec America, Inc AK45C Datasheet HTML 2Page - Astec America, Inc AK45C Datasheet HTML 3Page - Astec America, Inc AK45C Datasheet HTML 4Page - Astec America, Inc AK45C Datasheet HTML 5Page - Astec America, Inc AK45C Datasheet HTML 6Page - Astec America, Inc AK45C Datasheet HTML 7Page - Astec America, Inc AK45C Datasheet HTML 8Page - Astec America, Inc AK45C Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Reference Notes (TRN)
AK45C 100W Series
36 Vdc to 75 Vdc Inputs, 100 W
_____________________________________________________________
ASTEC POWER - Andover
2 of 17
Electrical Specifications
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
These are absolute stress ratings only. Functional operation of the device in not implied at these
or any other conditions in excess of those given in the operational sections of the IPS. Exposure
to absolute maximum ratings for extended periods can adversely affect device reliability.
Table 1. Absolute Maximum Ratings
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
All
All
VI
VI, trans
0
0
-
-
75
100
Vdc
Vdc
Operating Case Temperature
All
Tc
-40
-
100
ºC
Storage Temperature
All
Tstg
-55
-
125
ºC
Operating Humidity
All
-
-
-
95
%
I/O Isolation
All
-
-
-
1500
Vdc
Input Specifications
Table 2. Input Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VI
36
48
75
Vdc
Maximum Input Current
(VI = 0 to VI,max : Io = Io,max)
018FHX
025FHX
033FHX
050FHX
II,max
II,max
II,max
II,max
-
-
-
-
-
-
-
-
2.00
2.50
3.00
4.00
A
A
A
A
Input Reflected-ripple Current
(5Hz to 20MHz: 12uH source
impedance: TA = 25 ºC.) See Figure 10.
All
II
-
-
10
mAp-p
Ripple Current into External
Input Cap
All
IIC
-
-
250
mARMS
No Load Input Power
(VI = VI,nom )
All
-
-
5
-
W
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Output Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com