Electronic Components Datasheet Search
  English  ▼

X  

ALD12 Datasheet(PDF) 17 Page - Astec America, Inc

Part # ALD12
Description  Single Output 16th Brick: 60Watts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD12 Datasheet(HTML) 17 Page - Astec America, Inc

Back Button ALD12 Datasheet HTML 12Page - Astec America, Inc ALD12 Datasheet HTML 13Page - Astec America, Inc ALD12 Datasheet HTML 14Page - Astec America, Inc ALD12 Datasheet HTML 15Page - Astec America, Inc ALD12 Datasheet HTML 16Page - Astec America, Inc ALD12 Datasheet HTML 17Page - Astec America, Inc ALD12 Datasheet HTML 18Page - Astec America, Inc ALD12 Datasheet HTML 19Page - Astec America, Inc ALD12 Datasheet HTML 20Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 17 OF 20
AUGUST 17, 2005 – REVISION C
Input Filter for FCC Class B Conducted Noise
A reference design for an input filter that can provide FCC Class B conducted noise levels is shown below (See Figure 42). Two
common mode connected inductors are used in the circuit along with balanced bypass capacitors to shunt common mode currents
into the ground plane. Shunting noise current back to the converter reduces the amount of energy reaching the input LISN for
measurement.
The application circuit shown has an earth ground (frame ground) connected to the converter output (-) terminal. Such a
configuration is common practice to accommodate safety agency requirements. Grounding an output terminal results in much
higher conducted emissions as measured at the input LISN because a hard path for common mode current back to the LISN is
created by the frame ground. “Floating” loads generally result in much lower measured emissions. The electrical equivalent of a
floating load, for EMI measurement purposes, can be created by grounding the converter output (load) through a suitably sized
inductor(s) while maintaining the necessary safety bonding.
Figure 42: Class B Filter Circuit
PARTS LIST
CKT CODE
DESCRIPTION
Common
Mode Choke
CTX01-15091
Cooper Electronic
Technologies
X-Cap
0.47 µF X 4pcs
Y-Cap
22 nF X 4 pcs
Cin
33 uF
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com