Electronic Components Datasheet Search
  English  ▼

X  

ALD12 Datasheet(PDF) 19 Page - Astec America, Inc

Part # ALD12
Description  Single Output 16th Brick: 60Watts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD12 Datasheet(HTML) 19 Page - Astec America, Inc

Back Button ALD12 Datasheet HTML 12Page - Astec America, Inc ALD12 Datasheet HTML 13Page - Astec America, Inc ALD12 Datasheet HTML 14Page - Astec America, Inc ALD12 Datasheet HTML 15Page - Astec America, Inc ALD12 Datasheet HTML 16Page - Astec America, Inc ALD12 Datasheet HTML 17Page - Astec America, Inc ALD12 Datasheet HTML 18Page - Astec America, Inc ALD12 Datasheet HTML 19Page - Astec America, Inc ALD12 Datasheet HTML 20Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 19 OF 20
AUGUST 17, 2005 – REVISION C
Mechanical Specifications (continued)
Figure 43B. Mechanical Outline – SMT (Solder Ball) Termination.
SOLDERING CONSIDERATIONS
The
through
hole
terminated
converters
are
compatible with standard wave soldering techniques.
When wave soldering, the converter pins should be
preheated for 20-30 sec at 110
°C and wave soldered
at 260
°C for less than 10 sec.
When hand soldering, the iron temperature should be
maintained at 425
°C and applied to the converter pins
for less than 5 seconds. Longer exposure can cause
internal damage to the converter. Cleaning can be
performed with cleaning solvent IPA or with water.
For SMT terminated modules, refer to Figure 44 for
the recommended reflow profile.
Figure 44. Recommended reflow profile for SMT modules.
RECOMMENDED REFLOW PROFILE
0
20
40
60
80
100
120
140
160
180
200
220
240
0
30
60
90
120
150
180
210
240
270
300
TIME (seconds)
PRE-HEAT ZONE
120 - 180 sec
REFLOW
ZONE
< 80 sec
110
°°°°C
183
°°°°C
PEAK TEMPERATURE
200
°°°°C - 230°°°°C
SLOPE
< 4
°°°°C /sec
0.06 [1.4]
0.30 [7.6]
0.30 [7.6]
0.10 [2.5]
0.15 [3.8]
0.90 [22.9]
0.36 [9.0]
0.60 [15.2]
0.45 [11.4]
0.15 [3.8]
0.30 [7.6]
0.15 [3.8]
1.10 [27.9]
PIN SIDEDOWN
PIN SIDEUP
0.18 [4.6]
SIDEVIEW
1.30 [33.0]
Pin 1
Pin 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com