Electronic Components Datasheet Search
  English  ▼

X  

SP60 Datasheet(PDF) 3 Page - Campbell Scientific United Kingdom

Part # SP60
Description  SP5, SP10, SP30, SP60 and SP100 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

SP60 Datasheet(HTML) 3 Page - Campbell Scientific United Kingdom

  SP60 Datasheet HTML 1Page - Campbell Scientific United Kingdom SP60 Datasheet HTML 2Page - Campbell Scientific United Kingdom SP60 Datasheet HTML 3Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
January 23, 2018
SP5
SP10
SP30
SP60
SP100
Typical maximum power (W)
4.5(±10%)
10(±10%)
35(+/-5%)
70(+/-5%)
110(+/-5%)
Voltage at peak power**
16.5
16.8
18.1
18.1
17.6
Current at peak power (A)
0.27
0.57
1.94
3.87
6.25
Short circuit current (A)
0.30
0.6
2.1
4.2
6.8
Open circuit voltage**
20.5
21.0
21.7
21.7
21.1
Dimensions
(excluding bracket)
251x269 mm
420x269 mm
415x510 mm
535x734 mm
1037x527 mm
Weight (excluding bracket and cable)
0.9 kg
1.9 kg
2.3 kg
4.18 kg
7 kg
Temp. coeff. of voltage (mV/°C)
-80
-72
-63
-61
-61
Temp. coeff. of power (%/°C)
-0.5
-0.37
-0.38
-0.38
-0.38
Cable *** termination
Fixed 4.5 m
Fixed 4.5 m
0.9 m
0.9 m
0.9 m
lead
lead
lead with
lead with
lead with
MC4
MC4
MC4
connectors
connectors
connectors
*Power ratings are obtained under standard test conditions of 1000 Wm-2 and 25°C cell temperature.
**These are voltages at the panel surface. If an external regulator or long cables are used the apparent output voltage will be lower.
***Larger panels have two separate output leads fitted with MC4 connectors. A single dual-core extension cable is supplied with mating connectors to make
the standard total cable length 5 m.
Common Specifications:
Maximum temperature range: -40 to +85
°C
Maximum system voltage: 50 V
Warranty on power output (90% of initial power): 10 years
Note: Due to variations in the supply of solar panels and also continued improvement in solar panel technology all specifications are subject to change.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com