Electronic Components Datasheet Search
  English  ▼

X  

SP60 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # SP60
Description  SP5, SP10, SP30, SP60 and SP100 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

SP60 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  SP60 Datasheet HTML 1Page - Campbell Scientific United Kingdom SP60 Datasheet HTML 2Page - Campbell Scientific United Kingdom SP60 Datasheet HTML 3Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMPONENT
Solar Panels
SP5, SP10, SP30, SP60 and SP100 Series
Overview
Solar panels are photovoltaic power sources capable of
recharging batteries. The minimum battery size and solar panel
output required depends on 1) the average current drain of the
system, 2) the maximum time the battery must supply power
to the system without being charged, and 3) the location of
the site. If you need assistance in selecting a solar panel, refer
to our Power Supplies brochure, application note, or contact a
Campbell Scientific Applications Engineer.
Solar panel characteristics assume 1 kW m-2 illumination and
25
°C solar panel temperature. Individual panels may vary
up to 10%. The output panel voltage increases as the panel
temperature decreases. All solar panels are shipped with
hardware for mounting to a tripod or tower.
SP5-Series 5-Watt Solar Panels
The SP5-series solar panels are intended only for CR200(X)-series
applications that have minimal power requirements.
•
SP5’s cable has a 4.5 m length and can be fitted with a
connector that mates with the ENC200 enclosure’s power
connector.
SP10-Series 10-Watt Solar Panels
The SP10-series solar panels source sufficient current for many
system configurations at most tropical to temperate latitudes.
These solar panels include a 4.5 m cable. The models differ as
follows:
•
SP10 uses the regulator in the PS150, PS200, CR6, or
CR3000 to recharge their batteries. A CH150 or CH200
regulator is required to recharge the BP12, BP17 or BP24
batteries. The SP10’s cable has stripped leads that connect
to the power supply or datalogger battery base.
•
SP10R is supplied with a regulator. It can recharge a user-
supplied deep-cycle battery. The SP10R’s cable has stripped
leads that connect to the battery. Please note that the
SP10R draws a continuous 5 mA current drain.
SP30-Series 30-Watt Solar Panels
The SP30-series solar panels are often used for system
configurations that have higher than average power
requirements, or in higher elevation and latitude locations. The
models differ as follows:
SP30 uses the regulator in the PS150, PS200, CR3000, CR6 to
recharge their batteries. The SP30 has a 5 m cable with stripped
leads that connect to the power supply or datalogger battery
base.
•
SP30R is supplied with a regulator. It can recharge a user-
supplied deep-cycle battery. This solar panel has a 5 m
cable with stripped leads that connect to the battery. Please
note that, the SP30R draws a continuous 5 mA current drain.
SP60 60-Watt Solar Panels
The SP60 solar panel is used for our CS110 Electric Field Meter
or other systems that require 60 W solar panels. It needs to
be connected to a CH150, CH200 Smart Charge Controller or
008116 Morningstar SunSaver regulator (see below).
The SP60 has a 5 m standard length; maximum length is 15 m.
www.campbellsci.co.eu/solar_panels
More info: +44(0) 1509 828 888
Reliable charging sources
for remote locations
Photovoltaic power sources
NOTE: Power ratings quoted on this sales leaflet apply to
European customers only.


Similar Part No. - SP60

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP60 AMPHENOL-SP60 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP60 AMPHENOL-SP60 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Copal Electronics
SP60-2000 COPAL-SP60-2000 Datasheet
94Kb / 2P
STEPPING MOTORS
logo
Amphenol Corporation
SP60-A-A-202 AMPHENOL-SP60-A-A-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP60-A-B-202 AMPHENOL-SP60-A-B-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
More results

Similar Description - SP60

ManufacturerPart #DatasheetDescription
logo
LEM
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
UCY74 and UCA64 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
BTW67 and BTW69 Series
13-Feb-2006
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
647H ETC2-647H Datasheet
324Kb / 8P
600H and 600NH series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
XC1700E and XC1700L Series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com