Electronic Components Datasheet Search
  English  ▼

X  

INA630 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA630
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA630 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA630 Datasheet HTML 17Page - Texas Instruments INA630 Datasheet HTML 18Page - Texas Instruments INA630 Datasheet HTML 19Page - Texas Instruments INA630 Datasheet HTML 20Page - Texas Instruments INA630 Datasheet HTML 21Page - Texas Instruments INA630 Datasheet HTML 22Page - Texas Instruments INA630 Datasheet HTML 23Page - Texas Instruments INA630 Datasheet HTML 24Page - Texas Instruments INA630 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.4 Layout
8.4.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good PCB layout practices, including:
• Make sure that both input paths are well-matched for source impedance and capacitance to avoid converting
common-mode signals into differential signals.
• Noise propagates into analog circuitry through the power pins of the circuit as a whole and of the device.
Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the analog
circuitry.
– Connect low-ESR, 0.1µF ceramic bypass capacitors between each supply pin and ground and place the
capacitors as close as possible to the device. A single bypass capacitor from V+ to ground is applicable
for single-supply applications.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible.
If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
• Place the external components as close to the device as possible. As shown in Figure 8-6.
• Keep the traces as short as possible.
8.4.2 Layout Examples
+IN
-IN
+V
OUT
-V
C1
C2
INA630
R1
R2
R3
R3 = R1 || R2
INP
INN
R4
R5
C3
C4
C5
Figure 8-5. Example Schematic
NC
8
+VS
INN
7
OUT
INP
6
FB
4
VS
5
REF
1
2
3
GND
+IN
–IN
GND
+V
C2
C1
Place bypass
capacitors as close to
IC as possible
R1
R2
R3
V
C1
R5
R4
C5
C4
C3
R1
R2
Figure 8-6. Associated PCB Layout
www.ti.com
INA630
SBOSAI8 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com