Electronic Components Datasheet Search
  English  ▼

X  

INA630 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA630
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA630 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA630 Datasheet HTML 8Page - Texas Instruments INA630 Datasheet HTML 9Page - Texas Instruments INA630 Datasheet HTML 10Page - Texas Instruments INA630 Datasheet HTML 11Page - Texas Instruments INA630 Datasheet HTML 12Page - Texas Instruments INA630 Datasheet HTML 13Page - Texas Instruments INA630 Datasheet HTML 14Page - Texas Instruments INA630 Datasheet HTML 15Page - Texas Instruments INA630 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
Time ( s)
-1
0
1
2
3
4
5
6
-80
-60
-40
-20
0
20
40
60
80
G = 100V/V
RL = 10kΩ
CL = 100pF
Figure 6-27. Small-Signal Response, G = 100V/V
Time ( s)
-1
0
1
2
3
4
5
6
-4
-3
-2
-1
0
1
2
3
4
Figure 6-28. Large-Signal Step Response
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
Figure 6-29. EMIRR vs Frequency, Common Mode
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
Figure 6-30. EMIRR vs Frequency, Differential Mode
Frequency (Hz)
-90
-85
-80
-75
-70
-65
-60
50
150250
350
10
100
1k
10k
10Hz to 22kHz band-pass filter
VOUT = 5VPP
G = 20
G = 100
10Hz to 22kHz Bandpass Filter
Figure 6-31. Total Harmonic Distortion vs Frequency, 10Hz to
22kHz
Frequency (Hz)
-80
-75
-70
-65
-60
-55
-50
10
100
1k
10k
10Hz to 500kHz band-pass filter
VOUT = 5VPP
G = 20
G = 100
10Hz to 500kHz Bandpass Filter
Figure 6-32. Total Harmonic Distortion vs Frequency, 10Hz to
500kHz
INA630
SBOSAI8 – MARCH 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com