Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333 Datasheet(HTML) 3 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
4 Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
GAIN PINS
INA630
Precision, 126dB CMRR, Indirect Current Feedback
Instrumentation Amplifier
G = 1 + R2 / R1
5, 6
INA823
Precision, Low-Power, Wide-Supply (2.7V to 36V) Instrumentation
Amplifier
G = 1 + 100kΩ / RG
1, 8
INA826
Precision, 200µA Supply Current, Wide-Supply (2.7V to 36V)
Instrumentation Amplifier with Rail-to-Rail Output
G = 1 + 49.4kΩ / RG
2, 3
INA821
35µV Offset, 0.4µV/°C VOS Drift, 7nV/√ Hz Noise, High-Bandwidth,
Precision Instrumentation Amplifier
G = 1 + 49.4kΩ / RG
2, 3
INA819
35µV Offset, 0.4µV/°C VOS Drift, 8nV/√ Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50kΩ / RG
2, 3
INA818
35µV Offset, 0.4µV/°C VOS Drift, 8nV/√ Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50kΩ / RG
1, 8
INA828
50µV Offset, 0.5µV/°C VOS Drift, 7nV/√ Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50kΩ / RG
1, 8
INA333
25µV VOS, 0.1µV/°C VOS Drift, 1.8V to 5V, RRO, 50µA IQ,
Chopper-Stabilized INA
G = 1 + 100kΩ / RG
1, 8
5 Pin Configuration and Functions
1
NC
8
VS+
2
INN
7
OUT
3
INP
6
FB
4
VS−
5
REF
Not to scale
Figure 5-1. DDF Package, 8-Pin SOT-23 (Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
NC
1
–
Not connected.
INN
2
Input
Negative (inverting) input
INP
3
Input
Positive (noninverting) input
VS−
4
Power
Negative supply
REF
5
Input
Reference input.
FB
6
Input
Feedback input. Connect gain-setting resistor pair. Connect R1 between pin 5 and pin 6.
Connect R2 between pin 6 and pin 7.
OUT
7
Output
Output
VS+
8
Power
Positive supply
www.ti.com
INA630
SBOSAI8 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com