Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
N = 1034
Mean = –62.18μV
Std. Dev. = 60.37μV
.
Figure 6-1. Typical Distribution of Input Stage Offset Voltage, G
= 20V/V
Input Bias Current (nA)
0
10
20
30
40
50
60
70
80
-15
-12
-9
-6
-3
0
3
6
9
12
15
N = 1034
Mean = 2.384nA
Std. Dev. = 0.503nA
G = 20V/V
Figure 6-2. Typical Distribution of Positive Input Bias Current,
TA = 25°C
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
25
30
35
0.1
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.2
0.3
0.4
0.5
N = 1034
Mean = 0.208μV/V
Std. Dev. = 0.038μV/V
Figure 6-3. Typical CMRR Distribution, G = 20V/V
Power Supply Rejection Ratio ( V/V)
0
10
20
30
40
50
60
70
-0.5
-0.4
-0.2
0
0.2
0.4
0.5
-0.3
-0.1
0.1
0.3
N = 1034
Mean = 0.303μV/V
Std. Dev. = 0.0307μV/V
Figure 6-4. Typical PSRR Distribution, G = 20V/V
www.ti.com
INA630
SBOSAI8 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com