Electronic Components Datasheet Search
  English  ▼

X  

ALQ25B50 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ25B50
Description  Industry Standard 쩌 Brick: 300W DC Transformer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ25B50 Datasheet HTML 1Page - Astec America, Inc ALQ25B50 Datasheet HTML 2Page - Astec America, Inc ALQ25B50 Datasheet HTML 3Page - Astec America, Inc ALQ25B50 Datasheet HTML 4Page - Astec America, Inc ALQ25B50 Datasheet HTML 5Page - Astec America, Inc ALQ25B50 Datasheet HTML 6Page - Astec America, Inc ALQ25B50 Datasheet HTML 7Page - Astec America, Inc ALQ25B50 Datasheet HTML 8Page - Astec America, Inc ALQ25B50 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Technical Reference Notes
ALQ25B50 Bus Converter
DC Transformer
MODEL: ALQ25B50 SERIES
SHEET 1 OF 11
SEPTEMBER 11, 2003 - REVISION A (PRELIMINARY)
ALQ25B50 Single Output Open-Frame DC Bus Converter
Industry Standard ¼ Brick: 300W DC Transformer
The ALQ25B50 is among a series of Bus Converter solutions from Astec intended to drive multiple non-isolated POLs
employed on Distributed Power Architectures (DPA). It’s a DC transformer that accepts a narrow input range (48V nominal) to
ensure a stepped down output of 12V nominal with 10% line regulation. Such a DC conversion scheme allows the converters
to exhibit a purely resistive output characteristic that eases stability management when driving multiple POLs. It comes with
ON/OFF Enable pin, Input over voltage and under voltage protection, OTP and output pin length options.
Special Features
•
300W DC Transformer for DPA Front End
•
Industry Standard ¼ Brick Footprint
•
High Efficiency
•
Positive and Negative Enable Options
•
Regulation to Zero Load
•
Meets Basic Insulation
•
Input OVP and UVLO
•
Low profile / open-frame
Environmental Specifications
•
-40ºC to 85ºC Operating Temperature
•
-40ºC to 125ºC Storage Temperature
•
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
42-53 VDC
Efficiency
12V up to 96% Efficiency
OVP
60Vdc
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
0A - 25A max
Line Regulation
10.25V – 13.6V
Load Regulation
±3%Vo (Typical)
Ripple and Noise
80mV (Typical)
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS
PRELIMINARY


Similar Part No. - ALQ25B50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
106Kb / 2P
300 Watts
ALQ25B50-6 ASTEC-ALQ25B50-6 Datasheet
106Kb / 2P
300 Watts
ALQ25B50N ASTEC-ALQ25B50N Datasheet
106Kb / 2P
300 Watts
ALQ25B50N-6 ASTEC-ALQ25B50N-6 Datasheet
106Kb / 2P
300 Watts
ALQ25B50N-AL ASTEC-ALQ25B50N-AL Datasheet
106Kb / 2P
300 Watts
More results

Similar Description - ALQ25B50

ManufacturerPart #DatasheetDescription
logo
Power-One
VWS250YH POWER-ONE-VWS250YH Datasheet
542Kb / 3P
300W Standard Full Brick
logo
Astec America, Inc
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
Industry standard Eighth-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com