Electronic Components Datasheet Search
  English  ▼

X  

ALQ25B50 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ25B50
Description  Industry Standard 쩌 Brick: 300W DC Transformer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ25B50 Datasheet HTML 1Page - Astec America, Inc ALQ25B50 Datasheet HTML 2Page - Astec America, Inc ALQ25B50 Datasheet HTML 3Page - Astec America, Inc ALQ25B50 Datasheet HTML 4Page - Astec America, Inc ALQ25B50 Datasheet HTML 5Page - Astec America, Inc ALQ25B50 Datasheet HTML 6Page - Astec America, Inc ALQ25B50 Datasheet HTML 7Page - Astec America, Inc ALQ25B50 Datasheet HTML 8Page - Astec America, Inc ALQ25B50 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Reference Notes
ALQ25B50 Bus Converter
DC Transformer
MODEL: ALQ25B50 SERIES
SHEET 2 OF 11
SEPTEMBER 11, 2003 - REVISION A (PRELIMINARY)
ALQ25B50 Series
MODEL
NUMBER
CONSTRUCTION
Vin range
Vout/Iout
ALQ25B50
Open Frame; Low profile; Pos Enable; 5mm Pin Length
42V - 53V
12V / 25A
ALQ25B50-6
Open Frame; Low profile; Pos Enable; 3.7mm Pin length
42V - 53V
12V / 25A
ALQ25B50N
Open Frame; Low profile; Neg Enable; 5mm Pin length
42V - 53V
12V / 25A
ALQ25B50N-6
Open Frame; Low profile; Neg Enable; 3.7mm Pin Length
42V - 53V
12V / 25A
OPTIONS:
SUFFIX
Negative Enable:
"N"
Positive Enable:
No suffix
3.7mm nominal Pin Length
“-6” suffix
5mm nominal Pin Length
No suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com