Electronic Components Datasheet Search
  English  ▼

X  

ALQ50 Datasheet(PDF) 8 Page - Astec America, Inc

Part # ALQ50
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ50 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button ALQ50 Datasheet HTML 4Page - Astec America, Inc ALQ50 Datasheet HTML 5Page - Astec America, Inc ALQ50 Datasheet HTML 6Page - Astec America, Inc ALQ50 Datasheet HTML 7Page - Astec America, Inc ALQ50 Datasheet HTML 8Page - Astec America, Inc ALQ50 Datasheet HTML 9Page - Astec America, Inc ALQ50 Datasheet HTML 10Page - Astec America, Inc ALQ50 Datasheet HTML 11Page - Astec America, Inc ALQ50 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 8 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
+Vin
-Vin
Enable
-Vout
+Vout
-Sense
+Sense
Vadj
Rload
Radj_up
Figure 3. External resistor configuration to increase the outputs
+Vin
-Vin
Enable
-Vout
+Vout
-Sense
+Sense
Vadj
Rload
Radj_down
Figure 4. External resistor configuration to increase the outputs
Basic Operation and Features
INPUT UNDER VOLTAGE LOCKOUT
To prevent any instability to the converter, which may affect the end system, the ALQ50 series have been designed to turn-on
once VIN is in the voltage range of 33-35 VDC. Likewise, it has also been programmed to turn-off when VIN drops down to 32-
34 VDC.
OUTPUT VOLTAGE ADJUST/TRIM
The converter comes with a TRIM pin (PIN 6), which is used to adjust the output by as much as 90% to 110% of its set point.
This is achieved by connecting an external resistor as described below.
To INCREASE the output, external Radj_up resistor
should be connected between TRIM PIN (Pin6) and
+SENSE PIN (Pin 7). Please refer to Equation (1) for the
required external resistance and output adjust
relationship.
3.3V/2.5V/1.8V
Equation (1a):
1.2V
Equation (1b):
To DECREASE the output, external Radj_down resistor
should be connected between TRIM PIN (Pin 6) and
-SENSE PIN (Pin 5). Please refer to Equation (2) for the
required external resistance and output adjust
relationship.
Equation (2)
Radj_up
5.1 Vo 100
∆%
+
(
)
⋅
1.225
∆%
⋅
510
∆%
−
10.2
−


k
Ω
⋅
Radj_up
5.1 Vo 100
∆%
+
(
)
⋅
0.6
∆%
⋅
510
∆%
−
10.2
−


k
Ω
⋅
Radj_down
510
∆%
10.2
−


k
Ω
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com