Electronic Components Datasheet Search
  English  ▼

X  

ALQ50 Datasheet(PDF) 9 Page - Astec America, Inc

Part # ALQ50
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ50 Datasheet(HTML) 9 Page - Astec America, Inc

Back Button ALQ50 Datasheet HTML 5Page - Astec America, Inc ALQ50 Datasheet HTML 6Page - Astec America, Inc ALQ50 Datasheet HTML 7Page - Astec America, Inc ALQ50 Datasheet HTML 8Page - Astec America, Inc ALQ50 Datasheet HTML 9Page - Astec America, Inc ALQ50 Datasheet HTML 10Page - Astec America, Inc ALQ50 Datasheet HTML 11Page - Astec America, Inc ALQ50 Datasheet HTML 12Page - Astec America, Inc ALQ50 Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 9 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Basic Operation and Features (continued)
OUTPUT ENABLE
The ALQ50 series comes with an Enable pin (PIN 2), which is primarily used to turn ON/OFF the converter. Both a Positive
(no part number suffix required) and a Negative (suffix “N” required) Enable Logic options are being offered. Please refer to
Table 2 for the Part Numbering Scheme.
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns unit on when
the Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
OUTPUT OVER VOLTAGE PROTECTION (OVP)
The Over Voltage Protection circuit comes in latching mode. The converter is latched off if the output voltage exceeds the
OVP threshold limits. The OVP latch is reset either by cycling the input voltage or toggling the Enable signal for 100ms.
OVER CURRENT PROTECTION (OCP)
The Over Current Protection circuit comes in latching mode. The converter is latched off if the load current on the output
reaches the OCP threshold limit. The OCP latch can be reset either by cycling the input voltage or toggling the Enable signal
for 100ms. Consult factory for Auto-restart option.
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the average PCB temperature reaches the OTP
range. This feature prevents the unit from overheating and consequently going into thermal runaway, which may further
damage the converter and the end system. Such overheating may be an effect of operation outside the given power thermal
derating conditions. Restart is possible once the temperature of the sensed location drops to less than 110
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com