Electronic Components Datasheet Search
  English  ▼

X  

ATH10 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ATH10
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH10 Datasheet(HTML) 1 Page - Astec America, Inc

  ATH10 Datasheet HTML 1Page - Astec America, Inc ATH10 Datasheet HTML 2Page - Astec America, Inc ATH10 Datasheet HTML 3Page - Astec America, Inc ATH10 Datasheet HTML 4Page - Astec America, Inc ATH10 Datasheet HTML 5Page - Astec America, Inc ATH10 Datasheet HTML 6Page - Astec America, Inc ATH10 Datasheet HTML 7Page - Astec America, Inc ATH10 Datasheet HTML 8Page - Astec America, Inc ATH10 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
6-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
Features
• Up to 6-A Output Current
• 3.3-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 2.5 V)
• Efficiencies up to 94 %
• 103 W/in³ Power Density
• On/Off Inhibit
• Pre-Bias Startup
• Under-Voltage Lockout
• Operating Temp: –40 to +85 °C
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• IPC Lead Free 2
• Safety Agency Approvals (Pending)
UL 1950, CSA 22.2 950, &
EN60950
• Point-of-Load Alliance (POLA)
Compatible
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2
Track
3Vin
4
Inhibit *
5Vo Adjust
6Vout
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =
0.87 in x 0.5 in
(22,1 mm x 12,57 mm)
ATH06T033 Series —3.3-V Input
REVISION 00 (01DEC2003)
Standard Application
Description
The ATH06T033 series is one of the
smallest non-isolated power modules that
features Auto-Track™. Auto-Track™
simplifies supply voltage sequencing in
power systems by enabling modules to track
each other, or any other external voltage,
during power up and power down.
Although small in size (0.87 in
× 0.5 in),
these modules are rated for up to 6 A of
output current, and are an ideal choice in
applications where space, performance,
and a power-up sequencing capability are
important attributes.
The product provides high-performance
step-down conversion from a 3.3-V input
bus voltage. The output voltage of the
ATH06T033 can be set to any voltage
over the range, 0.8 V to 2.5 V, using a
Rset = Required to set the output voltage to a value
higher than 0.8 V. (See spec. table for values)
Cin = Required 100 µF
Co1 = Optional 100 µF capacitor
Co2 = Optional 10 µF ceramic capacitor for reduced
output ripple.
single resistor.
Other operating features include an
on/off inhibit, output voltage adjust (trim),
and output over-current protection. For
high efficiency these parts employ a
synchronous rectifier output stage, but a
pre-bias hold-off capability ensures that
the output will not sink current during
startup.
Target applications include telecom,
industrial, and general purpose circuits,
including low-power dual-voltage systems
that use a DSP, microprocessor, ASIC, or
FPGA.
Package options include both through-
hole and surface mount configurations.
V
IN
Inhibit
GND
GND
V
OUT
Track
R
SET
1 %, 0.1 W
(Required)
Co
1
100 µF
Electrolytic
(Optional)
C
IN
100 µF
(Required)
Co
2
10 µF
Ceramic
(Optional)
PTH03050W
(Top View)
1
5
2
3
4
6
ATH06T033-9S


Similar Part No. - ATH10

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH10 ASTEC-ATH10 Datasheet
611Kb / 2P
10Amps
logo
Analog Technologies, In...
ATH100K1R25 ANALOGTECHNOLOGIES-ATH100K1R25 Datasheet
333Kb / 20P
High Stability Miniature Thermistor
4/9/2021
logo
List of Unclassifed Man...
ATH100KL2 ETC2-ATH100KL2 Datasheet
331Kb / 2P
High Stability Thermistor Assembly
logo
Analog Technologies, In...
ATH100KL2A ANALOGTECHNOLOGIES-ATH100KL2A Datasheet
217Kb / 3P
High Stability Thermistor Assembly
3/31/2021
ATH100KL2AT63 ANALOGTECHNOLOGIES-ATH100KL2AT63 Datasheet
217Kb / 3P
High Stability Thermistor Assembly
3/31/2021
More results

Similar Description - ATH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH22T033 ASTEC-ATH22T033 Datasheet
432Kb / 14P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com