Electronic Components Datasheet Search
  English  ▼

X  

ATH10 Datasheet(PDF) 3 Page - Astec America, Inc

Part # ATH10
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH10 Datasheet(HTML) 3 Page - Astec America, Inc

  ATH10 Datasheet HTML 1Page - Astec America, Inc ATH10 Datasheet HTML 2Page - Astec America, Inc ATH10 Datasheet HTML 3Page - Astec America, Inc ATH10 Datasheet HTML 4Page - Astec America, Inc ATH10 Datasheet HTML 5Page - Astec America, Inc ATH10 Datasheet HTML 6Page - Astec America, Inc ATH10 Datasheet HTML 7Page - Astec America, Inc ATH10 Datasheet HTML 8Page - Astec America, Inc ATH10 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Environmental & Absolute Maximum Ratings (Voltages are with respect to GND)
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Track Input Voltage
Vtrack
–0.3
—
Vin + 0.3
V
Operating Temperature Range
Ta
Over Vin Range
–40 (i)
—
85
°C
Solder Reflow Temperature
Treflow
Surface temperature of module body or pins
235 (ii)
°C
Storage Temperature
Ts
—
–40
—
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
—
TBD
—
G’s
1 msec, ½ Sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Suffix H
—
TBD
—
G’s
20-2000 Hz
Suffix S
—
TBD
—
Weight
—
—
2.9
—
grams
Flammability
—
Meets UL 94V-O
Notes:
(i) For operation below 0 °C the external capacitors m ust bave stable characteristics. use either a low ESR tantalum, Os-Con®, or ceramic capacitor.
(ii) During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated maximum.
6-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
ATH06T033 Series —3.3-V Input
Specifications (Unless otherwise stated, Ta =25 °C, Vin =3.3 V, Vo =2.5 V, Coin =100 µF, Co1 =0 µF, Co2 =0 µF, and Io =Iomax)
ATH06T033
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
0.8 V
≤ Vo ≤ 2.5 V,
85 °C, natural convection
0
—
6
(1)
A
Input Voltage Range
Vin
Over Io range
2.95
—
3.65
V
Set-Point Voltage Tolerance
Vo tol
—
—
±2 (2)
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
—
±0.5
—
%Vo
Line Regulation
∆Regline
Over Vin range
—
±10
—
mV
Load Regulation
∆Regload
Over Io range
—
±12
—
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
——±3 (2)
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Io =4 A
RSET = 2.21 kΩ Vo = 2.5 V
—
94
—
RSET = 4.12 kΩ Vo = 2.0 V
—
92
—
RSET = 5.49 kΩ Vo = 1.8 V
—
91
—
%
RSET = 8.87 kΩ Vo = 1.5 V
—
90
—
RSET = 17.4 kΩ Vo = 1.2 V
—
88
—
RSET = 36.5 kΩ Vo = 1.0 V
—
87
—
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth, Co2 =10 µF ceramic
—
20 (3)
—
mVpp
Over-Current Threshold
Io trip
Reset, followed by auto-recovery
—
12
—
A
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Co1 =100 µF
ttr
Recovery Time
—
70
—
µSec
∆Vtr
Vo over/undershoot
—
100
—
mV
Track Input Current (pin 2)
IIL track
Pin to GND
—
—
–130 (4)
µA
Track Slew Rate Capability
dVtrack/dt
Vtrack – Vo ≤ 50 mV and Vtrack < Vo(nom)
5
—
—
V/ms
Under-Voltage Lockout
UVLO
Vin increasing
—
4.3
4.45
V
Vin decreasing
3.4
3.7
—
Inhibit Control (pin4)
Referenced to GND
Input High Voltage
VIH
Vin –0.5
—
Open (4)
V
Input Low Voltage
VIL
–0.2
—
0.6
Input Low Current
IIL inhibit
Pin to GND
—
–130
—
µA
Input Standby Current
Iin inh
Inhibit (pin 4) to GND, Track (pin 2) open
—
10
—
mA
Switching Frequency
ƒs
Over Vin and Io ranges
550
600
650
kHz
External Input Capacitance
Cin
100 (5)
——µF
External Output Capacitance
Cout
0
100 (6)
TBD
µF
Reliability
MTBF
Per Bellcore TR-332
TBD
—
—
106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) No derating is required when the module is soldered directly to a 4-layer PCB with 1 oz. copper.
(2) The set-point voltage tolerance is affected by the tolerance and stability ofRSET. The stated limit is unconditionally met if RSET has a tolerance of 1 %
with 100 ppm/°C or better temperature stability.
(3) The pk-pk output ripple voltage is measured with an external 10 µF ceramic capacitor. See the standard application schematic.
(4) This control pin has an internal pull-up to the input voltage Vin. If it is left open-circuit the module will operate when input power is applied. A small
low-leakage (<100 nA) MOSFET is recommended for control. For further information, consult the related application note.
(5) A 100 µF input capacitor is required for proper operation. The capacitor must be rated for a minimum of 300 mA rms of ripple current.
(6) An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load will improve the transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com