Electronic Components Datasheet Search
  English  ▼

X  

ATH15 Datasheet(PDF) 4 Page - Astec America, Inc

Part # ATH15
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH15 Datasheet(HTML) 4 Page - Astec America, Inc

  ATH15 Datasheet HTML 1Page - Astec America, Inc ATH15 Datasheet HTML 2Page - Astec America, Inc ATH15 Datasheet HTML 3Page - Astec America, Inc ATH15 Datasheet HTML 4Page - Astec America, Inc ATH15 Datasheet HTML 5Page - Astec America, Inc ATH15 Datasheet HTML 6Page - Astec America, Inc ATH15 Datasheet HTML 7Page - Astec America, Inc ATH15 Datasheet HTML 8Page - Astec America, Inc ATH15 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
The products listed hereunder are prototype or pre-production devices which have not been fully qualified to Astec’s
specifications. Product specifications are subject to change without notice. Astec makes no warranty, either expressed,
implied, or statutory, including implied warranty of merchantability or fitness for a specific purpose, of these products.
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Typical Characteristics
Characteristic Data; Vin =3.3 V (See Note A)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
(See Note 3 to Table)
6-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
ATH06T033 Series —3.3-V Input
0
0.2
0.4
0.6
0.8
1
1.2
012
34
56
Iout - Amps
50
60
70
80
90
100
0123456
Iout - Amps
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
VOUT
0
10
20
30
40
50
012345
6
Iout - Amps
1.8 V
1.5 V
1.2 V
1.0 V
2.5 V
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com