Electronic Components Datasheet Search
  English  ▼

X  

AVC20W Datasheet(PDF) 3 Page - Astec America, Inc

Part # AVC20W
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC20W Datasheet(HTML) 3 Page - Astec America, Inc

  AVC20W Datasheet HTML 1Page - Astec America, Inc AVC20W Datasheet HTML 2Page - Astec America, Inc AVC20W Datasheet HTML 3Page - Astec America, Inc AVC20W Datasheet HTML 4Page - Astec America, Inc AVC20W Datasheet HTML 5Page - Astec America, Inc AVC20W Datasheet HTML 6Page - Astec America, Inc AVC20W Datasheet HTML 7Page - Astec America, Inc AVC20W Datasheet HTML 8Page - Astec America, Inc AVC20W Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 3 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Electrical Specifications
STANDARD TEST CONDITION on a single unit, unless otherwise specified.
TA:
25
°C (Ambient Air)
ON/OFF (P1):
Open or connect to +Vin
+Vin (P2-4):
2.97- 3.63V for 3.3V
4.5V – 5.5V for 5V
GND (P5-8):
GND
Vo (P9-11):
Output voltage
ADJ (P12):
Open
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional
operation of the device is not implied at these or in any other conditions in excess of those given in the operational
sections of the specs. Exposure to absolute maximum ratings for extended periods can adversely affect device
reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
3.3V
VIN
0
-
4.6
Vdc
5.0V
VIN
0
6.3
Vdc
Operating Temperature (with
derating)
-40
85
ºC
Storage Temperature
All
TSTG
-40
-
85
ºC
Operating Humidity
All
-
5
-
95
%
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
3.3V
5.0V
VIN
VIN
2.97
4.5
3.3
5.0
3.63
5.5
Vdc
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com