Electronic Components Datasheet Search
  English  ▼

X  

AVC20W Datasheet(PDF) 5 Page - Astec America, Inc

Part # AVC20W
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC20W Datasheet(HTML) 5 Page - Astec America, Inc

  AVC20W Datasheet HTML 1Page - Astec America, Inc AVC20W Datasheet HTML 2Page - Astec America, Inc AVC20W Datasheet HTML 3Page - Astec America, Inc AVC20W Datasheet HTML 4Page - Astec America, Inc AVC20W Datasheet HTML 5Page - Astec America, Inc AVC20W Datasheet HTML 6Page - Astec America, Inc AVC20W Datasheet HTML 7Page - Astec America, Inc AVC20W Datasheet HTML 8Page - Astec America, Inc AVC20W Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 5 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Notes: If output is shorted to GND, or the module is heated abnormally, the DC-DC Converter will shut down.
After removal the abnormal mode, the DC-DC Converter will re-start by re-input the Vin or toggling the
ON/OFF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com