Electronic Components Datasheet Search
  English  ▼

X  

AVC06M05 Datasheet(PDF) 8 Page - Astec America, Inc

Part # AVC06M05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06M05 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button AVC06M05 Datasheet HTML 4Page - Astec America, Inc AVC06M05 Datasheet HTML 5Page - Astec America, Inc AVC06M05 Datasheet HTML 6Page - Astec America, Inc AVC06M05 Datasheet HTML 7Page - Astec America, Inc AVC06M05 Datasheet HTML 8Page - Astec America, Inc AVC06M05 Datasheet HTML 9Page - Astec America, Inc AVC06M05 Datasheet HTML 10Page - Astec America, Inc AVC06M05 Datasheet HTML 11Page - Astec America, Inc AVC06M05 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 8 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Be sure to provide an appropriate fail-safe function on your product to prevent a second damage that
may be caused by the abnormal function or the failure of our product.
Please connect the input terminal by right polarity. If you connect this by mistake, it may break
the DC-DC converter. In the case of destruction of the DC-DC converter inside, over input current
may flow, and so DC-DC converter maybe occurred abnormal temperature rise, or your product
may be damaged. Please add diode and fuse as following to protect them.
Standard of fuse : current rating
3.3Vin
:
Vout
IoutMax
×
×
.
8
.
0
[A]
5.0Vin
:
Vout
IoutMax
×
×
.
6
.
0
[A]
Please select diode and fuse after confirming the operation.
fuse
+
-
IN
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com