Electronic Components Datasheet Search
  English  ▼

X  

AVC06M05 Datasheet(PDF) 6 Page - Astec America, Inc

Part # AVC06M05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06M05 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button AVC06M05 Datasheet HTML 2Page - Astec America, Inc AVC06M05 Datasheet HTML 3Page - Astec America, Inc AVC06M05 Datasheet HTML 4Page - Astec America, Inc AVC06M05 Datasheet HTML 5Page - Astec America, Inc AVC06M05 Datasheet HTML 6Page - Astec America, Inc AVC06M05 Datasheet HTML 7Page - Astec America, Inc AVC06M05 Datasheet HTML 8Page - Astec America, Inc AVC06M05 Datasheet HTML 9Page - Astec America, Inc AVC06M05 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 6 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Basic Operation and Features
Test Circuit
C1: GRM42-6B106K10×3 parallel (MURATA)
: Electronic Load Device
Model EUL150
α XL, Fujitsu DENSO equivalent
RL
: DC Power Supply
Model HP6621A, HP equivalent
Vin
Pin5,6,7 and 8 are connected inside of DC-DC converter.
However, please make sure that they are connected outside in order to prevent
malfunction by noise.
Open ON
Short OFF
RL
Vin
AVCxx
2,3,4
5,6,7,8
9,10,11
12
1
10uF X 3
=
=
R2
R1
C1
DC-DC Converter
10 : 1
100M Hz
Oscilloscope
* Ripple Noise Test
output
Probe
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com