Electronic Components Datasheet Search
  English  ▼

X  

PS11035 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS11035
Description  Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11035 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS11035 Datasheet HTML 1Page - Powerex Power Semiconductors PS11035 Datasheet HTML 2Page - Powerex Power Semiconductors PS11035 Datasheet HTML 3Page - Powerex Power Semiconductors PS11035 Datasheet HTML 4Page - Powerex Power Semiconductors PS11035 Datasheet HTML 5Page - Powerex Power Semiconductors PS11035 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Application Specific IPM
20 Amperes/600 Volts
PS11035
1
Description:
Powerex Application Specific IPMs
(ASIPMs) are inteligent power
modules that integrate power
devices, gate drive and protection
circuitry in a compact package for
use in small inverter applications
up to 20kHz. Use of application
specific HVICs allow the designer
to reduce inverter size and overall
design time.
Features:
□ Compact Packages
□ 3 Phase Converter Bridge
Built-in
□ Integrated HVICs
□ Direct Connection to DSP/CPU
Applications:
□ Small Motor Control
□ Small Servo Motors
□ General Purpose Inverters
□ Pump and HVAC Motor Control
Ordering Information:
PS11035 is a 600V, 20 Ampere
Application Specific
Intelligent Power Module.
Dimensions
Inches
Millimeters
A
2.91
±0.04
74.0
±1.0
B
2.48
±0.04
63.0
±1.0
C
0.34
±0.02
8.5
±0.5
D
2.36
60.0
E
1.42
36.0
F
0.16
4.0
G
0.02
0.6
H
0.08
2.0
J
0.98
25.0
K
0.59
15.0
L
0.35
9.0
M
0.18
4.5
N
0.20
5.08
P
0.05
1.2
Q
1.80
45.72
Dimensions
Inches
Millimeters
R
2.72
69.0
S
1.01
25.7
T
2.00
±0.03
50.7
±0.8
U
0.16
4.0
V
1.58
40.0
W
0.02
0.4
X
0.65
±0.02
16.5
±0.5
Y
0.02
0.6
Z
0.12
±0.02
3.0
±0.5
AA
0.18 Rad.
4.5 Rad.
BB
0.09 Rad.
2.25 Rad.
CC
0.12 Rad.
3.0 Rad.
DD
0.8
2.0
EE
2.19
55.5
FF
0.114
3.5
Outline Drawing and Circuit Diagram
21
2
1
3
5
46
7
8
9
10
14
12
11 13 15
16
22
23
24
25
26
27
28
29
30
21 P1
22 R
23 S
24 T
25 N1
26 P2
27 U
28 V
TERMINAL CODE
1 CBU+
2 CBU-
3 CBV+
4 CBV-
5 CBW+
6 CBW-
7 VD
8 UP
9 VP
10 WP
11 UN
12 VN
13 WN
14 FO
15 VAMP
16 GND
29 W
30 N2
F
G
E
D
A
N
P
Q
(R)
CC
M
L
K
J
B
(S)
S
T
C
X
Z
W
U
V
U
Y
FF
DD
EE
DD
X
AA
BB
Tc


Similar Part No. - PS11035

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11035 MITSUBISHI-PS11035 Datasheet
118Kb / 5P
Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
logo
List of Unclassifed Man...
PS11035 ETC1-PS11035 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Pro-Signal
PS11035 PROSIGNAL-PS11035 Datasheet
421Kb / 2P
Patch Lead - CAT 5E
10/12/19 V1.2
More results

Similar Description - PS11035

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
PS11036 POWEREX-PS11036 Datasheet
90Kb / 6P
Intellimod??Module Application Specific IPM (30 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PS12032 POWEREX-PS12032 Datasheet
107Kb / 8P
Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12033 POWEREX-PS12033 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PS12034 POWEREX-PS12034 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (10 Amperes/1200 Volts)
PS12036 POWEREX-PS12036 Datasheet
108Kb / 8P
Intellimod??Module Application Specific IPM (15 Amperes/1200 Volts)
PS12038 POWEREX-PS12038 Datasheet
121Kb / 8P
Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com