Electronic Components Datasheet Search
  English  ▼

X  

PS11035 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS11035
Description  Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11035 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS11035 Datasheet HTML 1Page - Powerex Power Semiconductors PS11035 Datasheet HTML 2Page - Powerex Power Semiconductors PS11035 Datasheet HTML 3Page - Powerex Power Semiconductors PS11035 Datasheet HTML 4Page - Powerex Power Semiconductors PS11035 Datasheet HTML 5Page - Powerex Power Semiconductors PS11035 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS11035
Intellimod™ Module
Application Specific IPM
20 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 20A, Tj = 25°C, VD = VDB = 15V,
—
—
2.9
Volts
Input = ON (Shunt Voltage Drop Not Included)
Diode Forward Voltage
VEC
Tj = 25°C, -IC = 20A
—
—
2.9
Volts
Converter Diode Voltage
VFR
Tj = 25°C, IFR = 10A
—
—
1.5
Volts
Converter Diode Reverse Current
IRRM
VR = VRRM, Tj = 125°C—
—
8
mA
Switching Times
ton
1/2 Bridge Inductive, Input = 5V
↔ 0V,
0.3
0.6
1.5
µS
tC(on)
VCC = 300V, IC = 20A, Tj = 125°C,
—
0.5
1.0
µS
toff
VD = 15V, VDB = 15V
—
1.6
2.5
µS
tC(off)
Note: ton, toff include delay time of
—
0.5
1.3
µS
FWDi Reverse Recovery Time
trr
the internal control circuit.
—
0.12
—
µS
Short Circuit Endurance (Output, Arm, and
@VCC ≤ 400V, Input = 5V → 0V (One-shot),
• No Destruction
Load Short-Circuit Modes)
-20
°C ≤ Tj(start) ≤ 125°C,
• FO Output by Protection Operation
13.5V
≤ VD = VDB ≤ 16.5V
Switching SOA
@VCC ≤ 400V, Input = 5V → 0V,
• No Destruction
Tj ≤ 125°C, IC < OC Trip Level,
• No Protecting Operation
13.5V
≤ VD = VDB ≤ 16.5V
• No FO Output
TC Measure Point
TC
TC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com