Electronic Components Datasheet Search
  English  ▼

X  

XC6601 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6601
Description  Low Voltage Input LDO Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6601 Datasheet HTML 1Page - Torex Semiconductor XC6601 Datasheet HTML 2Page - Torex Semiconductor XC6601 Datasheet HTML 3Page - Torex Semiconductor XC6601 Datasheet HTML 4Page - Torex Semiconductor XC6601 Datasheet HTML 5Page - Torex Semiconductor XC6601 Datasheet HTML 6Page - Torex Semiconductor XC6601 Datasheet HTML 7Page - Torex Semiconductor XC6601 Datasheet HTML 8Page - Torex Semiconductor XC6601 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
XC6601 Series
Low Voltage Input LDO Voltage Regulators
■FEATURES
Maximum Output Current
: 400mA (Limiter 500mA TYP.)
Dropout Voltage
Bias Voltage Range
: 35mV@IOUT=100mA (TYP.)
(at VBIAS - VOUT(E)=2.4V)
:
2.5V ~ 6.0V
(VBIAS - VOUT(E)
≧0.9V)
Input Voltage Range
: 1.0V ~ 3.0V
Output Voltage Range
Output Voltage Accuracy
(VIN≦VBIAS)
: 0.7V ~ 1.8V (50mV increments)
:
±20mV
Power Consumption
: IBIAS=25
μA , IIN=1.0μA (TYP.)
: IBIAS=0.01
μA , IIN=0.01μA (TYP.)
U.V.L.O.
TSD (Detect/Release)
Operating Temperature Range
: VBIAS=2.0V, VIN=0.4V (TYP.)
:150
℃/125℃ (TYP.)
: -40
℃ ~ 85℃
CL High Speed Auto-Discharge
Low ESR Capacitor
: Ceramic Capacitor Compatible
Packages
: USP-6C, SOT-25, SOT-89-5
■APPLICATIONS
●Mobile phones
●Cordless phones
●Wireless communication equipment
●Portable games
●Cameras
●Audio visual equipment
●Portable AV equipment
●PDAs
■ TYPICAL APPLICATION CIRCUIT
●VBIAS =3.6V , VIN =1.5V , VOUT =1.2V
■ TYPICAL PEFORMANCE
CHARACTERISTICS
●Dropout Voltage vs. Output Current
ETR0335_002
■GENERAL DESCRIPTION
The XC6601 series is a CMOS LDO voltage regulator with precise (
±20mV) outputs which enables the operation in ultra low
On resistance even where low output voltages to achieve high efficiency of the output current. The series is suited for the
application which requires low dropout voltage operation. The series consists of a voltage reference, an error amplifier, a driver
transistor, a current limiter, a fold back circuit, a thermal shutdown (TSD) circuit, a Under Voltage Lock Out (U.V.L.O.) and a
phase compensation circuit.
The output voltage is selectable in 50mV increments within the range of 0.7V to 1.8V using laser trimming technologies. The
output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors.
The over current protection circuit (the current limiter and the fold back circuit) and the thermal shutdown circuit (the TSD
circuit) are built-in. These two protection circuits will operate when the output current reaches limit level or the junction
temperature reaches temperature limit level.
With the built-in U.V.L.O. function, the regulator output is forced OFF when the VBIAS pin or the VIN pin becomes the U.V.L.O.
voltage or lower.
The CE function enables the output to be turned off and the series becomes a stand-by mode resulting in greatly reduced
power consumption. At the time of entering the stand-by mode, the series enables the electric charge at the output capacitor
(CL) to be discharged via the internal auto-discharge switch placed between the VOUT pin and the VSS pin, as a result the VOUT
pin quickly returns to the VSS level.
Preliminary


Similar Part No. - XC6601

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
624Kb / 32P
Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
701Kb / 33P
Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
701Kb / 33P
Low Voltage Input LDO Voltage Regulator with Soft-Start Function
More results

Similar Description - XC6601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6601 TOREX-XC6601_1 Datasheet
624Kb / 32P
Low Voltage Input LDO Voltage Regulators
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
High Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com