Electronic Components Datasheet Search
  English  ▼

X  

XC6601 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6601
Description  Low Voltage Input LDO Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6601 Datasheet HTML 1Page - Torex Semiconductor XC6601 Datasheet HTML 2Page - Torex Semiconductor XC6601 Datasheet HTML 3Page - Torex Semiconductor XC6601 Datasheet HTML 4Page - Torex Semiconductor XC6601 Datasheet HTML 5Page - Torex Semiconductor XC6601 Datasheet HTML 6Page - Torex Semiconductor XC6601 Datasheet HTML 7Page - Torex Semiconductor XC6601 Datasheet HTML 8Page - Torex Semiconductor XC6601 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
XC6601 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Bias Voltage
VBIAS
VSS-0.3 ~ +7.0
V
Input Voltage
VIN
VSS-0.3 ~ +7.0
V
Output Current
IOUT
700
(*1)
mA
VSS-0.3 ~ VBIAS+0.3
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3 ~ +7.0
V
USP-6C
120
SOT-25
250
Power Dissipation
SOT-89-5
Pd
500
mW
Operating Temperature Range
Topr
-40 ~ +85
℃
Storage Temperature Range
Tstg
-55 ~ +125
℃
(*1) IOUT=Less than Pd / (VIN-VOUT)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Bias Voltage
(*1)
VBIAS
VCE =VBIAS,VIN =VOUT(T)+0.3V
2.5
-
6.0
V
①
Input Voltage
(*2)
VIN
VBIAS=VCE=3.6V
1.0
-
3.0
V
①
-0.02
VOUT(T)
(*4)
+0.02
Output Voltage
VOUT(E)
(*3)
VBIAS=VCE=3.6V, VIN =VOUT(T)+0.3V,
IOUT=1mA
E-0
(*5)
V
①
Maximum Output
Current
IOUTMAX
VBIAS=VCE=3.6V, VIN =VOUT(T)+0.3V
400
-
-
mA
①
Load Regulation
△VOUT
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V,
1mA
≦IOUT≦100mA
-
10
-
mV
①
Dropout Voltage
Vdif
(*7)
VBIAS=VCE, IOUT=100mA
E-1
(*6)
mV
①
Supply Current 1
IBIAS
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V
VOUT=OPEN
-
25
-
μA
①
Supply Current 2
IIN
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V
VOUT=OPEN
-
1.0
-
μA
①
VOUT(T)
≧0.95V,
VBIAS=CE=3.6V, VIN=VOUT(T)+0.05V,
VOUT=VOUT(T) - 0.05V
Bias Current
(*10)
IBIASMAX
VOUT(T)
<0.95V,
VBIAS=CE=3.6V, VIN=1.0V
VOUT= VOUT(T) - 0.05V
-
2.0
-
mA
①
Stand-by Current 1
IBIAS_STB
VBIAS=6.0V, VIN=3.0V, VCE=VSS
-
0.01
-
μA
①
Stand-by Current 2
IIN_STB
VBIAS=6.0V, VIN=3.0V, VCE=VSS
-
0.01
-
μA
①
Bias Regulation
△VOUT/
△VBIAS・VOUT
2.5V
≦VBIAS≦6.0V,
VIN=VOUT(T)+0.3V, VBIAS=VCE, IOUT=1mA
-
0.01
-
%/V
①
VOUT(T)
≧0.90V,
VOUT(T)+0.1V
≦VIN≦3.0V,
VBIAS=VCE=3.6V, IOUT=1mA
Input Regulation
△VOUT/
△VIN・VOUT
V OUT(T)
<0.90V,
1.0V
≦VIN≦3.0V
VBIAS=VCE=3.6V, IOUT=1mA
-
0.01
-
%/V
①
Bias Voltage U.V.L.O.
VBIAS_UVLO
VCE =VBIAS, VIN =VOUT(T)+0.3V,
IOUT=1mA
-
2.0
-
V
①
Input Voltage U.V.L.O.
VIN_UVLO
VBIAS=VCE=3.6V, IOUT=1mA
-
0.4
-
V
①
VBIAS Ripple Rejection
VBIAS_PSRR
VBIAS=3.6VDC+0.2Vp-pAC,
VIN=VOUT(T)+0.3V, IOUT=30mA,f=1kHz
-
40
-
dB
②
VIN Ripple Rejection
VIN_PSRR
VIN=VOUT(T)+0.3VDC+0.2Vp-pAC,
VBIAS=3.6V, IOUT=30mA, f=1kHz
-
60
-
dB
②
■MAXIMUM ABSOLUTE RATINGS
■ELECTRICAL CHARACTERISTICS
Ta=25
℃
Ta=25
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com