Electronic Components Datasheet Search
  English  ▼

X  

PS-45 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PS-45
Description  45W Single Output Switching Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PS-45 Datasheet(HTML) 2 Page - Astrodyne Corporation

  PS-45 Datasheet HTML 1Page - Astrodyne Corporation PS-45 Datasheet HTML 2Page - Astrodyne Corporation PS-45 Datasheet HTML 3Page - Astrodyne Corporation PS-45 Datasheet HTML 4Page - Astrodyne Corporation PS-45 Datasheet HTML 5Page - Astrodyne Corporation PS-45 Datasheet HTML 6Page - Astrodyne Corporation PS-45 Datasheet HTML 7Page - Astrodyne Corporation PS-45 Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
p s - 4 5 series
45W Single Output Switching Power Supply
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
File�Name:PS-45-SPEC���2005-09-13
Unit:mm
DC�Output�Connector�(CN2)�:�Molex�5273-06�or�equivalent
Pin�No.
1,2,3
4,5,6
Assignment
+V
-V
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
Block�Diagram
Mechanical�Specification
Static�Characteristics�(12V)
Output�Derating
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
OTHERS
3.3V,5V
INPUT�VOLTAGE�(V)�60Hz
200
80
60
10
12
140
100
120
180
160
14
16
260
240
220
25
50
100
150
200
250
300
Ta=25
4
6
8
+12V
+12V
fosc�:�65KHz
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
4-
3.8
CN2
4
3
2
1
M1
M2
O.V.P.
CONTROL
ING
-V
+V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FG
I/P
FILTER
EMI
45W�Outputs�Switching�Power�Supply
P S - 4 5 series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com