Electronic Components Datasheet Search
  English  ▼

X  

TA7289F/FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7289F/FG
Description  PWM STEPPING MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7289F/FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7289F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TA7289P/F/FG
2006-3-2
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA7289P,TA7289F/FG
PWM STEPPING MOTOR DRIVER
The TA7289P, TA7289F/FG are PWM solenoid driver designed
especially for use high efficiency stepping motor control.
It consist of 1.5A peak current drive capable output full bridge
driver, oscillation circuit for PWM switching, 4bit D−A for output
current control and TTL compatible input circuit.
FEATURES
Wide Range of Operating Voltage
: VCC (opr.) Min. = 6~27 V
High Current Capability: IO Max = 1.5 A (PEAK)
LS−TTL Compatible Control Inputs (IN A, IN B)
Few External Components Required.
Build−in 4bit DAC.
Weight
HDIP14−P−500−2.54A : 3.00g (Typ.)
HSOP20−P−450−1.00 : 0.79g (Typ.)
TA7289F/FG
The TA7289FG is a Pb-free product.
The TA7289P is Sn plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Similar Part No. - TA7289F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7289F TOSHIBA-TA7289F Datasheet
552Kb / 15P
PWM STEPPING MOTOR DRIVER
More results

Similar Description - TA7289F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
PWM STEPPING MOTOR DRIVER
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
PWM Current Controlling Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
PWM Current Controlling Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
PWM Constant-Current Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com