Electronic Components Datasheet Search
  English  ▼

X  

TA7289F/FG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA7289F/FG
Description  PWM STEPPING MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7289F/FG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA7289F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TA7289P/F/FG
2006-3-2
3
PIN FUNCTION
PIN No.
P
F/FG
PIN
SYMBOL
FUNCTIONAL DESCRIPTION
1
20
Vref
NF voltage supply input terminal
2
2
IN B
Signal input terminal
3
3
IN A
Signal input terminal
Function
4
5
COSC
Internal oscillation frequency input terminal
5
7
NF
Output current detection terminal
6
9
OUT B
Output B terminal
7
10
VI
Comparator input terminal
8
12
OUT A
Output A terminal
9
14
GND
GND terminal
10
15
VCC
Power voltage supply terminal
11
16
2
0
D / A input terminal
12
17
2
1
D / A input terminal
13
18
2
2
D / A input terminal
14
19
2
3
D / A input terminal
FIN
FIN
GND
GND terminal
Note:
Pin (1), (4), (6), (8), (11), (13) of TA7289F/FG are all NC (Non−connection)
FUNCTION
IN A
IN B
OUT A
OUT B
MODE
L
L
OFF
OFF
STOP
H
L
H
L
CW / CCW
L
H
L
H
CCW / CW
H
H
OFF
OFF
STOP
INPUT CIRCUIT (IN A, IN B)
Input circuit is shown in Fig.1 IN A and IN B are TTL compatible “Low Active” type and have a hysteresis of 0.8
V Typ at Tj = 25°C.
Fig. 1
TA7289P / TA7289F/FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com